Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCX017DLT Datasheet(PDF) 10 Page - Sony Corporation

Part # LCX017DLT
Description  4.6cm (1.8 Type) Black-and-White LCD Panel
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX017DLT Datasheet(HTML) 10 Page - Sony Corporation

Back Button LCX017DLT Datasheet HTML 6Page - Sony Corporation LCX017DLT Datasheet HTML 7Page - Sony Corporation LCX017DLT Datasheet HTML 8Page - Sony Corporation LCX017DLT Datasheet HTML 9Page - Sony Corporation LCX017DLT Datasheet HTML 10Page - Sony Corporation LCX017DLT Datasheet HTML 11Page - Sony Corporation LCX017DLT Datasheet HTML 12Page - Sony Corporation LCX017DLT Datasheet HTML 13Page - Sony Corporation LCX017DLT Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
– 10 –
LCX017DLT
Item
Symbol
Waveform
Conditions
PRG∗4 fall to Pcg fall time
PRG∗4
toPcgf
PRG∗4 pulse width
twPRG∗4
50%
7
PRG∗4
Pcg
toPcgf
50%
50%
twPRG∗4
toPcgr
50%
7
Blk
50%
toPcg
50%
toEnb
50%
50%
Pcg
Enb
BLK
Blk rise time
trBlk
Blk fall time
tfBlk
Blk rise to Enb fall time
toEnb
Blk fall to Pcg rise time
toPcg
90%
10%
10%
90%
tfBlk
trBlk
∗8 PCG input pin and PRG∗4 should be "H" level during the horizontal 1H period, where the above BLK is low
more than 10ns.
∗8
twPcg
50%
50%
toVideo
Pcg
7
50%
Vck
H. blanking period
H. video period
toVck
PCG∗8
Pcg rise time
trPcg
Pcg fall time
tfPcg
Pcg rise to Vck rise/fall
time
toVck
Pcg fall to horizontal
video period start time
Pcg pulse width
PRG∗4 rise to Pcg rise time
toVideo
twPcg
toPcgr
90%
10%
10%
90%
Pcg
trpcg
tfpcg


Similar Part No. - LCX017DLT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX017DLT SONY-LCX017DLT Datasheet
55Kb / 2P
   XGA Data Projector LCD Product Line Featuring the Industrys Highest Optical Transmittance in 1.8, 2.3, and 3.3 cm Size Panels
More results

Similar Description - LCX017DLT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX036AMT SONY-LCX036AMT Datasheet
72Kb / 2P
   4.6cm (1.8-type) Black-and-White LCD Panel
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028BMT SONY-LCX028BMT Datasheet
328Kb / 26P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028ALT SONY-LCX028ALT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX029CPT SONY-LCX029CPT Datasheet
334Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX038AST SONY-LCX038AST Datasheet
318Kb / 27P
   1.8cm (0.7 Type) Black-and-White LCD Panel
LCX029CNT SONY-LCX029CNT Datasheet
335Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CST SONY-LCX029CST Datasheet
334Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX034ALT SONY-LCX034ALT Datasheet
393Kb / 26P
   1.8cm (0.7 Type) Black-and-White LCD Panel
LCX037BLT SONY-LCX037BLT Datasheet
390Kb / 25P
   3.4cm (1.35 Type) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com