Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP5N50NZU Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDP5N50NZU
Description  N-Channel MOSFET 500V, 3.9A, 2.0廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP5N50NZU Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FDP5N50NZU Datasheet HTML 1Page - Fairchild Semiconductor FDP5N50NZU Datasheet HTML 2Page - Fairchild Semiconductor FDP5N50NZU Datasheet HTML 3Page - Fairchild Semiconductor FDP5N50NZU Datasheet HTML 4Page - Fairchild Semiconductor FDP5N50NZU Datasheet HTML 5Page - Fairchild Semiconductor FDP5N50NZU Datasheet HTML 6Page - Fairchild Semiconductor FDP5N50NZU Datasheet HTML 7Page - Fairchild Semiconductor FDP5N50NZU Datasheet HTML 8Page - Fairchild Semiconductor FDP5N50NZU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
FDP5N50NZU / FDPF5N50NZU Rev. C0
www.fairchildsemi.com
7
Package Dimensions
TO-220


Similar Part No. - FDP5N50NZU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP5N50NZ FAIRCHILD-FDP5N50NZ Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
Inchange Semiconductor ...
FDP5N50NZ ISC-FDP5N50NZ Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP5N50NZF FAIRCHILD-FDP5N50NZF Datasheet
272Kb / 9P
   N-Channel MOSFET 500V, 4.2A, 1.75廓
More results

Similar Description - FDP5N50NZU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP5N50U FAIRCHILD-FDP5N50U_12 Datasheet
392Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4A, 2.0廓
FDD5N50U FAIRCHILD-FDD5N50U Datasheet
641Kb / 8P
   N-Channel MOSFET, FRFET 500V, 3A, 2.0廓
logo
Tak Cheong Electronics ...
TFF4N65 TAK_CHEONG-TFF4N65 Datasheet
305Kb / 8P
   N-Channel Power MOSFET 3.9A, 650V, 3.0廓
TFP4N65 TAK_CHEONG-TFP4N65 Datasheet
325Kb / 8P
   N-Channel Power MOSFET 3.9A, 650V, 3.0廓
logo
Alpha & Omega Semicondu...
AOD5T40P AOSMD-AOD5T40P Datasheet
438Kb / 6P
   400V,3.9A N-Channel MOSFET
logo
Fairchild Semiconductor
FDP12N50 FAIRCHILD-FDP12N50 Datasheet
381Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.65廓
FDD5N50NZF FAIRCHILD-FDD5N50NZF Datasheet
304Kb / 8P
   N-Channel MOSFET 500V, 3.7A, 1.75廓
FDA28N50F FAIRCHILD-FDA28N50F_12 Datasheet
399Kb / 8P
   N-Channel MOSFET 500V, 28A, 0.175廓
FDP13N50F FAIRCHILD-FDP13N50F Datasheet
621Kb / 9P
   N-Channel MOSFET 500V, 12A, 0.54廓
FDP12N50F FAIRCHILD-FDP12N50F Datasheet
701Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.7廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com