Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCX018 Datasheet(PDF) 2 Page - Sony Corporation

Part # LCX018
Description  1.8cm (0.7-inch) NTSC/PAL/WID Color LCD Panel
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX018 Datasheet(HTML) 2 Page - Sony Corporation

  LCX018 Datasheet HTML 1Page - Sony Corporation LCX018 Datasheet HTML 2Page - Sony Corporation LCX018 Datasheet HTML 3Page - Sony Corporation LCX018 Datasheet HTML 4Page - Sony Corporation LCX018 Datasheet HTML 5Page - Sony Corporation LCX018 Datasheet HTML 6Page - Sony Corporation LCX018 Datasheet HTML 7Page - Sony Corporation LCX018 Datasheet HTML 8Page - Sony Corporation LCX018 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
– 2 –
LCX018AK
Block Diagram
H Shift Register (Bidirectional Scanning)
Input Signal
Level Shifter
COM
Pad
12
2
9
10
7
8
16
14
15
18
17
13
6
19
3
4
5
1
11


Similar Part No. - LCX018

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX011AM SONY-LCX011AM Datasheet
427Kb / 23P
   3.6cm (1.43-inch) LCD Panel (with microlens)
LCX012BL SONY-LCX012BL Datasheet
381Kb / 21P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016 SONY-LCX016 Datasheet
486Kb / 24P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016 SONY-LCX016 Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016AL SONY-LCX016AL Datasheet
486Kb / 24P
   3.3cm (1.3-inch) Black-and-White LCD Panel
More results

Similar Description - LCX018

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX009AKB SONY-LCX009AKB Datasheet
351Kb / 22P
   1.8cm (0.7-inch) NTSC/PAL Color LCD Panel
LCX009AK SONY-LCX009AK Datasheet
312Kb / 22P
   1.8cm (0.7-inch) NTSC/PAL Color LCD Panel
LCX020BK SONY-LCX020BK Datasheet
306Kb / 24P
   1.8cm (0.7-inch) Color LCD Panel
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX024AK SONY-LCX024AK Datasheet
212Kb / 24P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX024AKB SONY-LCX024AKB Datasheet
213Kb / 24P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX027AKB SONY-LCX027AKB Datasheet
203Kb / 23P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX005BK SONY-LCX005BK Datasheet
307Kb / 22P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX005BKB SONY-LCX005BKB Datasheet
238Kb / 22P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
ACX302AK SONY-ACX302AK Datasheet
365Kb / 24P
   8.80cm (3.5 Type) NTSC/PAL Color LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com