Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1088LU-66+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1088LU-66+
Description  Fixed-Frequency EconOscillator™
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1088LU-66+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1088LU-66+ Datasheet HTML 1Page - Maxim Integrated Products DS1088LU-66+ Datasheet HTML 2Page - Maxim Integrated Products DS1088LU-66+ Datasheet HTML 3Page - Maxim Integrated Products DS1088LU-66+ Datasheet HTML 4Page - Maxim Integrated Products DS1088LU-66+ Datasheet HTML 5Page - Maxim Integrated Products DS1088LU-66+ Datasheet HTML 6Page - Maxim Integrated Products DS1088LU-66+ Datasheet HTML 7Page - Maxim Integrated Products DS1088LU-66+ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
����������������������������������������������������������������� Maxim Integrated Products 5
DS1088L
Fixed-Frequency EconOscillator™
Pin Description
Pin Configuration
PIN
NAME
FUNCTION
1
OUT
Oscillator Output
2, 3
VCC
Power Supply
4, 5
GND
Ground
6
PDN
Active-Low Power-Down. When the pin is high, the oscillator is enabled. When the pin is low, the
oscillator is disabled (power-down mode).
7
DNC
Do Not Connect. The DNC pins are internally connected to ground.
8
DNC
Do Not Connect
PDN
GND
GND
1
2
8
7
DNC
DNC
VCC
VCC
OUT
TOP VIEW
3
4
6
5
DS1088L
+
µSOP


Similar Part No. - DS1088LU-66+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1088LU-66++ MAXIM-DS1088LU-66+ Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
More results

Similar Description - DS1088LU-66+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1088C MAXIM-DS1088C_V01 Datasheet
478Kb / 8P
   Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
logo
Dallas Semiconductor
DS1088L DALLAS-DS1088L Datasheet
193Kb / 5P
   Low-Cost Fixed-Frequency EconOscillator
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
   EconOscillator Frequency Synthesizer
logo
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
   EconOscillator Frequency Synthesizer
051506
logo
Dallas Semiconductor
DS1099 DALLAS-DS1099 Datasheet
78Kb / 6P
   Low-Frequency Dual EconOscillator
logo
Maxim Integrated Produc...
DS1099 MAXIM-DS1099_V01 Datasheet
413Kb / 7P
   Low-Frequency Dual EconOscillator
19-7629; Rev 2; 5/15
DS1099 MAXIM-DS1099 Datasheet
119Kb / 6P
   Low-Frequency Dual EconOscillator
Rev 1; 9/07
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085L MAXIM-DS1085L_V01 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com