Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR1167ASPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IR1167ASPBF
Description  SmartRectifierTM CONTROL IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1167ASPBF Datasheet(HTML) 4 Page - International Rectifier

  IR1167ASPBF Datasheet HTML 1Page - International Rectifier IR1167ASPBF Datasheet HTML 2Page - International Rectifier IR1167ASPBF Datasheet HTML 3Page - International Rectifier IR1167ASPBF Datasheet HTML 4Page - International Rectifier IR1167ASPBF Datasheet HTML 5Page - International Rectifier IR1167ASPBF Datasheet HTML 6Page - International Rectifier IR1167ASPBF Datasheet HTML 7Page - International Rectifier IR1167ASPBF Datasheet HTML 8Page - International Rectifier IR1167ASPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
IR1167AS/BS
www.irf.com
4
STATE AND TRANSITIONS DIAGRAM
POWER ON
Gate Inactive
UVLO MODE
VCC < VCCon
Gate Inactive
ICC max = 200uA
NORMAL
Gate Active
VCC > VCCon
and
ENABLE HIGH
VCC < VCCuvlo
or
ENABLE LOW
** Guaranteed by Design
Minimum On Time Section
Parameters
Symbol
Min.
Typ.
Max.
Units
190
240
290
ns
2.4
3
3.6
µs
Minimum on time
TONmin
Remarks
RMOT =75kW, VCC=12V
RMOT =5kW, VCC=12V
Gate Driver Section
Parameters
Symbol
Min.
Typ.
Max.
Units
Gate Low Voltage
VGLO
0.3
0.5
V
Gate High Voltage
VGTH
9.5
10.7
12.5
V
Gate High Voltage
VGTH
12.5
14.5
16.5
V
Rise Time
tr1
18
ns
tr2
125
ns
Fall Time
tf1
10
ns
tf2
30
ns
Turn on Propagation Delay
tDon
60
80
ns
Turn off Propagation Delay
tDoff
40
65
ns
Pull up Resistance
rup
4
W
Pull down Resistance
rdown
0.7
W
Output Peak Current (source)
IO source
2
A
Output Peak Current (sink)
IO sink
7
A
IR1167A - VCC=12V-18V (internally clamped)
Remarks
IGATE = 200mA
IGATE = -200mA
IR1167B - VCC=12V-18V (internally clamped)
CLOAD = 1nF, VCC=12V
CLOAD = 1nF, VCC=12V
CLOAD = 10nF, VCC=12V
CLOAD = 10nF, VCC=12V
CLOAD = 10nF - GBD
CLOAD = 10nF - GBD
VDS to VGATE -100mV overdrive
VDS to VGATE -100mV overdrive
IGATE = 1A - GBD
9
12
PDF created with pdfFactory trial version www.pdffactory.com


Similar Part No. - IR1167ASPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1167ASPBF IRF-IR1167ASPBF Datasheet
308Kb / 15P
   SmartRectifier CONTROL IC
More results

Similar Description - IR1167ASPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1167ASTRPBF IRF-IR1167ASTRPBF Datasheet
1Mb / 25P
   SMARTRECTIFIERTM CONTROL IC
IR1166STRPBF IRF-IR1166STRPBF Datasheet
512Kb / 16P
   SmartRectifierTM CONTROL IC
logo
Shindengen Electric Mfg...
MS1003SH SHINDENGEN-MS1003SH Datasheet
1Mb / 41P
   Control IC
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
logo
International Rectifier
IR1167ASPBF IRF-IR1167ASPBF Datasheet
308Kb / 15P
   SmartRectifier CONTROL IC
logo
Siemens Semiconductor G...
TCA785 SIEMENS-TCA785_05 Datasheet
466Kb / 16P
   Phase Control IC
logo
Rohm
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
   PWM Control IC
logo
List of Unclassifed Man...
TDA4290-2 ETC-TDA4290-2 Datasheet
231Kb / 8P
   TONE CONTROL IC
logo
International Rectifier
IR3502 IRF-IR3502 Datasheet
20Kb / 1P
   XPHASE3TM CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com