Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPF10N60ZUT Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDPF10N60ZUT
Description  N-Channel MOSFET, FRFET 600V, 9A, 0.8廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF10N60ZUT Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDPF10N60ZUT_12 Datasheet HTML 1Page - Fairchild Semiconductor FDPF10N60ZUT_12 Datasheet HTML 2Page - Fairchild Semiconductor FDPF10N60ZUT_12 Datasheet HTML 3Page - Fairchild Semiconductor FDPF10N60ZUT_12 Datasheet HTML 4Page - Fairchild Semiconductor FDPF10N60ZUT_12 Datasheet HTML 5Page - Fairchild Semiconductor FDPF10N60ZUT_12 Datasheet HTML 6Page - Fairchild Semiconductor FDPF10N60ZUT_12 Datasheet HTML 7Page - Fairchild Semiconductor FDPF10N60ZUT_12 Datasheet HTML 8Page - Fairchild Semiconductor FDPF10N60ZUT_12 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
FDP10N60ZU/FDPF10N60ZUT Rev. C0
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
110
1
20
20
*Notes:
1. 250μs Pulse Test
2. TC = 25
o
C
VGS = 10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
5.0 V
VDS,Drain-Source Voltage[V]
30
10
345678
1
10
150
o
C
* Notes :
1. VDS = 20V
2. 250μs Pulse Test
25
o
C
VGS,Gate-Source Voltage[V]
30
20
0
5
10
15
20
25
30
0.6
0.7
0.8
0.9
1.0
1.1
1.2
* Note : TJ = 25
o
C
VGS = 20V
VGS = 10V
ID, Drain Current [A]
0.00.5
1.01.5
2.0
1
10
100
Notes:
1. V
GS = 0V
2. 250μs Pulse Test
150
o
C
V
SD, Body Diode Forward Voltage [V]
25
o
C
0.1
1
10
0
500
1000
1500
2000
2500
3000
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
* Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]
30
0
1020
3040
0
2
4
6
8
10
* Note : ID = 10A
VDS = 150V
VDS = 380V
VDS = 400V
Qg, Total Gate Charge [nC]


Similar Part No. - FDPF10N60ZUT_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF10N60ZUT FAIRCHILD-FDPF10N60ZUT Datasheet
559Kb / 9P
   N-Channel MOSFET, FRFET 600V, 9A, 0.8廓
logo
Inchange Semiconductor ...
FDPF10N60ZUT ISC-FDPF10N60ZUT Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDPF10N60ZUT_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP10N60ZU FAIRCHILD-FDP10N60ZU Datasheet
559Kb / 9P
   N-Channel MOSFET, FRFET 600V, 9A, 0.8廓
FDB12N50U FAIRCHILD-FDB12N50U Datasheet
638Kb / 8P
   N-Channel MOSFET, FRFET 500V, 10A, 0.8廓
FDB12N50U FAIRCHILD-FDB12N50U_12 Datasheet
354Kb / 8P
   N-Channel MOSFET, FRFET 500V, 10A, 0.8廓
FCP9N60N FAIRCHILD-FCP9N60N Datasheet
911Kb / 10P
   N-Channel MOSFET 600V, 9A, 0.385廓
FDPF6N60ZUT FAIRCHILD-FDPF6N60ZUT_12 Datasheet
291Kb / 9P
   N-Channel MOSFET, FRFET 600V, 4.5A, 2廓
FDP6N60ZU FAIRCHILD-FDP6N60ZU Datasheet
531Kb / 9P
   N-Channel MOSFET, FRFET 600V, 4.5A, 2廓
FDP8N60ZU FAIRCHILD-FDP8N60ZU Datasheet
540Kb / 9P
   N-Channel MOSFET, FRFET 600V, 6.5A, 1.35廓
FCA47N60F FAIRCHILD-FCA47N60F Datasheet
196Kb / 8P
   600V N-Channel MOSFET, FRFET
FCH76N60NF FAIRCHILD-FCH76N60NF Datasheet
539Kb / 8P
   600V N-Channel MOSFET, FRFET
FCH041N60F FAIRCHILD-FCH041N60F Datasheet
339Kb / 9P
   600V N-Channel MOSFET, FRFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com