Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR61428XMMX-NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LMR61428XMMX-NOPB
Description  LMR61428 SIMPLE SWITCHER짰 14Vout, 2.85A Step-Up Voltage Regulator in MSOP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR61428XMMX-NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMR61428XMMX-NOPB Datasheet HTML 6Page - Texas Instruments LMR61428XMMX-NOPB Datasheet HTML 7Page - Texas Instruments LMR61428XMMX-NOPB Datasheet HTML 8Page - Texas Instruments LMR61428XMMX-NOPB Datasheet HTML 9Page - Texas Instruments LMR61428XMMX-NOPB Datasheet HTML 10Page - Texas Instruments LMR61428XMMX-NOPB Datasheet HTML 11Page - Texas Instruments LMR61428XMMX-NOPB Datasheet HTML 12Page - Texas Instruments LMR61428XMMX-NOPB Datasheet HTML 13Page - Texas Instruments LMR61428XMMX-NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LMR61428
SNVS815 – JUNE 2012
www.ti.com
Power components - such as the inductor, input and output filter capacitors, and output diode - should be placed
as close to the regulator IC as possible, and their traces should be kept short, direct and wide. The ground pins
of the input and output filter capacitors and the PGND and SGND pins of LMR61428 should be connected using
short, direct and wide traces. The voltage feedback network (Rfbt, Rfbb, and Cff) should be kept very close to the
FB pin. Noisy traces, such as from the SW pin, should be kept away from the FB and VDD pins. The traces that
run between Vout and the FB pin of the IC should be kept away from the inductor flux. Always provide sufficient
copper area to dissipate the heat due to power loss in the circuitry and prevent the thermal protection circuitry in
the IC from shutting the IC down. Additional ground planes as intermediate levels help with shielding and
improve EMI mitigation.
Application Examples
Figure 8. EXAMPLE 1. 5V/0.5A Step-Up Regulator
U1
Texas Instruments
LMR61428XMM
C1
Vishay/Sprague
595D226X06R3B2T, Tantalum
C2
Vishay/Sprague
595D686X0010C2T, Tantalum
D1
Motorola
MBRS140T3
L
Coilcraft
DT1608C-682
Figure 9. EXAMPLE 2. 2mm Tall 5V/0.2A Step-Up Regulator for Low Profile Applications
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LMR61428


Similar Part No. - LMR61428XMMX-NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR61428XMMX/NOPB TI-LMR61428XMMX/NOPB Datasheet
982Kb / 19P
[Old version datasheet]   LMR61428 SIMPLE SWITCHER짰 14Vout, 2.85A Step-Up Voltage Regulator in VSSOP
More results

Similar Description - LMR61428XMMX-NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR61428 TI-LMR61428_15 Datasheet
959Kb / 20P
[Old version datasheet]   LMR61428 SIMPLE SWITCHER짰 14Vout, 2.85A Step-Up Voltage Regulator in VSSOP
LMR61428 TI-LMR61428_13 Datasheet
982Kb / 19P
[Old version datasheet]   LMR61428 SIMPLE SWITCHER짰 14Vout, 2.85A Step-Up Voltage Regulator in VSSOP
LMR61428 TI-LMR61428_15 Datasheet
991Kb / 21P
[Old version datasheet]   LMR61428 SIMPLE SWITCHER짰 14Vout, 2.85A Step-Up Voltage Regulator in VSSOP
logo
National Semiconductor ...
LM1577 NSC-LM1577_05 Datasheet
1Mb / 31P
   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
logo
Texas Instruments
LM2577SX-ADJNOPB TI1-LM2577SX-ADJNOPB Datasheet
4Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
LM1577 TI-LM1577_15 Datasheet
4Mb / 42P
[Old version datasheet]   LM1577/LM2577 SIMPLE SWITCHER짰 Step-Up Voltage Regulator
logo
National Semiconductor ...
LMR64010 NSC-LMR64010 Datasheet
376Kb / 12P
   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR64010 TI1-LMR64010 Datasheet
354Kb / 14P
[Old version datasheet]   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
LMR62421 TI1-LMR62421_14 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER짰 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
LMR62014 TI1-LMR62014_14 Datasheet
1Mb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com