Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSW-101-07-G-S Datasheet(PDF) 7 Page - Texas Instruments

Part # TSW-101-07-G-S
Description  LOG114EVM User Guide
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSW-101-07-G-S Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSW-101-07-G-S Datasheet HTML 3Page - Texas Instruments TSW-101-07-G-S Datasheet HTML 4Page - Texas Instruments TSW-101-07-G-S Datasheet HTML 5Page - Texas Instruments TSW-101-07-G-S Datasheet HTML 6Page - Texas Instruments TSW-101-07-G-S Datasheet HTML 7Page - Texas Instruments TSW-101-07-G-S Datasheet HTML 8Page - Texas Instruments TSW-101-07-G-S Datasheet HTML 9Page - Texas Instruments TSW-101-07-G-S Datasheet HTML 10Page - Texas Instruments TSW-101-07-G-S Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
+
+5 V
www.ti.com
Connecting to the LOG114EVM
3
Connecting to the LOG114EVM
The LOG114 requires only a few connections to operate: a 5-V power supply, an input source such as a
photodiode or resistor, and a digital voltmeter or oscilloscope.
3.1
Electrostatic Discharge Warning
CAUTION
Many of the components on the LOG114EVM are susceptible to damage by
electrostatic discharge (ESD). Customers are advised to observe proper ESD
handling precautions when unpacking and handling the EVM, including the use
of a grounded wrist strap at an approved ESD workstation.
3.2
Basic Connections
The connections for 5 V and ground are clearly marked on the LOG114EVM PCB. Figure 6 shows how to
properly connect the power supply to the connector.
Figure 6. Connecting the 5V Power Supply
3.3
Using a Photodiode
An anode of a photodiode can be connected to the LOG114 by either using the pads or pin sockets on the
LOG114EVM. To use the high-current linearity correction circuitry, connect the photodiode as illustrated in
Figure 7.
Figure 7. Using a Photodiode with the High-Current Linearity Correction Circuitry
7
SBOU110
– September 2011
LOG114EVM User Guide
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TSW-101-07-G-S

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSW-101-07-T-D BURR-BROWN-TSW-101-07-T-D Datasheet
285Kb / 13P
   EVALUATION FIXTURE
More results

Similar Description - TSW-101-07-G-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DOC1925 ETC1-DOC1925 Datasheet
2Mb / 61P
   User Guide
logo
Texas Instruments
ADS1232REF TI1-ADS1232REF Datasheet
667Kb / 30P
[Old version datasheet]   USER GUIDE
logo
STMicroelectronics
ST9 STMICROELECTRONICS-ST9 Datasheet
1Mb / 146P
   USER GUIDE
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DT128_1002 FREESCALE-MC9S12DT128_1002 Datasheet
1Mb / 140P
   Device User Guide
logo
List of Unclassifed Man...
ATSTK503 ETC2-ATSTK503 Datasheet
704Kb / 17P
   STK503 User Guide
logo
Telit loT Solutions
HE910 TELIT-HE910 Datasheet
2Mb / 111P
   HW User Guide
logo
OSRAM GmbH
TMF882X OSRAM-TMF882X Datasheet
1Mb / 37P
   EVM User Guide
v6-00 2022-May-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com