Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603C103K5RACTU Datasheet(PDF) 4 Page - Texas Instruments

Part # C0603C103K5RACTU
Description  Multi-Cal-System Evaluation Module
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C0603C103K5RACTU Datasheet(HTML) 4 Page - Texas Instruments

  C0603C103K5RACTU Datasheet HTML 1Page - Texas Instruments C0603C103K5RACTU Datasheet HTML 2Page - Texas Instruments C0603C103K5RACTU Datasheet HTML 3Page - Texas Instruments C0603C103K5RACTU Datasheet HTML 4Page - Texas Instruments C0603C103K5RACTU Datasheet HTML 5Page - Texas Instruments C0603C103K5RACTU Datasheet HTML 6Page - Texas Instruments C0603C103K5RACTU Datasheet HTML 7Page - Texas Instruments C0603C103K5RACTU Datasheet HTML 8Page - Texas Instruments C0603C103K5RACTU Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Slave Ribbon Cable
Multi-Cal-Slave PCA
Multi-Cal-Interface PCA
Terminal block
for connection to
sensor module
DSUB37 connection to
Multi-Cal-Master or
Multi-Cal-Slave
DSUB9 connection to
Multi-Cal-Test EVM
Overview
www.ti.com
Figure 2 shows the Multi-Cal-Slave kit. Each Multi-Cal-Slave kit enables you to expand the system by
eight channels. For example, a Multi-Cal-Master kit and one Multi-Cal-Slave kit combine to form a
16-channel system. Seven Multi-Cal-Slave boards and a single Multi-Cal-Master combine to form a
64-channel system.
Figure 2. Multi-Cal-Slave Kit
The Multi-Cal-Slave kit contains these items:
Multi-Cal-Slave PCB: The slave board adds eight measurement channels to the system. The slave
board is almost identical to the master board. The primary difference between the master and the slave
is that the master connects to the USB DAQ Platform and the slave connects to the master via a
ribbon cable, as shown in Figure 2.
Slave Ribbon cable: The Slave Ribbon cable connects all the signals and power from the master to
the slave. Note that power is distributed across several wires to minimize loss.
Figure 3 shows the Multi-Cal-Interface PCA card. The Multi-Cal-Interface can be used to connect the
sensor modules to the system. The Multi-Cal-Test boards can also be connected to this board. The
Multi-Cal-Interface board connects to the master or slave via the Multi-Cal-Interface cable on the 37-pin
DSUB connectors.
Figure 3. Multi-Cal-Interface PCA Card
4
Multi-Cal-System Evaluation Module
SBOU087A
– August 2010 – Revised April 2011
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - C0603C103K5RACTU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
C0603C103K5RACTU AD-C0603C103K5RACTU Datasheet
558Kb / 12P
   Evaluation Board User Guide
REV. A
logo
Kemet Corporation
C0603C103K5RACTU KEMET-C0603C103K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 50 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C0603C103K5RACTU

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11600 MAXIM-MAX11600_10 Datasheet
5Mb / 36P
   Evaluation System
Rev 0; 3/10
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
   Evaluation System/Evaluation Kit
Rev 1; 3/07
logo
Exar Corporation
XRT5794ES EXAR-XRT5794ES Datasheet
1Mb / 11P
   Evaluation System
logo
Maxim Integrated Produc...
MAX17823HEVKIT MAXIM-MAX17823HEVKIT Datasheet
1Mb / 40P
   Evaluation System
Rev 1; 5/19
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
   MAX5581 Evaluation Kit/Evaluation System
Rev 0; 6/05
MAX9723D MAXIM-MAX9723D Datasheet
298Kb / 10P
   MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
MAX6960EVKIT MAXIM-MAX6960EVKIT Datasheet
1Mb / 24P
   MAX6960 Evaluation Kit/Evaluation System
Rev 0; 10/05
MAX17061EVKIT MAXIM-MAX17061EVKIT Datasheet
432Kb / 12P
   MAX17061 Evaluation Kit/Evaluation System
Rev 1; 10/08
MAX17105EVKIT MAXIM-MAX17105EVKIT Datasheet
712Kb / 14P
   MAX17105 Evaluation Kit/Evaluation System
Rev 0; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com