Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDZ3N513ZT Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDZ3N513ZT
Description  Integrated NMOS and Schottky Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ3N513ZT Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDZ3N513ZT Datasheet HTML 1Page - Fairchild Semiconductor FDZ3N513ZT Datasheet HTML 2Page - Fairchild Semiconductor FDZ3N513ZT Datasheet HTML 3Page - Fairchild Semiconductor FDZ3N513ZT Datasheet HTML 4Page - Fairchild Semiconductor FDZ3N513ZT Datasheet HTML 5Page - Fairchild Semiconductor FDZ3N513ZT Datasheet HTML 6Page - Fairchild Semiconductor FDZ3N513ZT Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.fairchildsemi.com
3
©2010 Fairchild Semiconductor Corporation
FDZ3N513ZT Rev. C
Typical Characteristics T
J = 25°C unless otherwise noted
Figure 1.
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
2
V
GS = 1.5 V
V
GS = 3.5 V
V
GS = 4.5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
V
GS = 2.5 V
V
DS
, DRAIN TO SOURCE VOLTAGE (V)
On Region Characteristics
Figure 2.
0.0
0.5
1.0
1.5
2.0
1.0
1.2
1.4
1.6
1.8
2.0
V
GS = 1.8 V
V
GS = 3.5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
V
GS = 2.5 V
V
GS = 4.5 V
Normalized On-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On Resistance
-75
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
ID = 0.3 A
VGS = 4.5 V
TJ, JUNCTION TEMPERATURE (
oC
)
vs Junction Temperature
Figure 4.
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
400
600
800
1000
1200
1400
1600
ID = 0.3 A
TJ = 25 oC
TJ = 125 oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
0.5
1.0
1.5
2.0
0
0.5
1.0
1.5
2.0
VDS = 5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
TJ = 25 oC
TJ = 150 oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
2
TJ = -55 oC
TJ = 25 oC
TJ = 150 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs Source Current


Similar Part No. - FDZ3N513ZT

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDZ3.0 FS-FDZ3.0 Datasheet
259Kb / 3P
   Zener Diode
FDZ3.0E FS-FDZ3.0E Datasheet
405Kb / 6P
   Zener Voltage Regulators
FDZ3.0F FS-FDZ3.0F Datasheet
415Kb / 4P
   Zener Voltage Regulators
FDZ3.0SOD723 FS-FDZ3.0SOD723 Datasheet
603Kb / 5P
   ZENER DIODE
FDZ3.3 FS-FDZ3.3 Datasheet
259Kb / 3P
   Zener Diode
More results

Similar Description - FDZ3N513ZT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDFS2P102 FAIRCHILD-FDFS2P102 Datasheet
87Kb / 5P
   Integrated P-Channel MOSFET and Schottky Diode
logo
ON Semiconductor
NCV68261 ONSEMI-NCV68261 Datasheet
417Kb / 17P
   Ideal Diode and High Side Switch NMOS Controller
May, 2022 ??Rev. 1
NCV68061 ONSEMI-NCV68061 Datasheet
221Kb / 13P
   Ideal Diode NMOS Controller
October, 2021 - Rev. 2
logo
Fairchild Semiconductor
FDFMA2P853 FAIRCHILD-FDFMA2P853 Datasheet
307Kb / 7P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFS2P103 FAIRCHILD-FDFS2P103 Datasheet
295Kb / 9P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFM2P110 FAIRCHILD-FDFM2P110 Datasheet
521Kb / 7P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFMA2P853 FAIRCHILD-FDFMA2P853_08 Datasheet
841Kb / 7P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFMA2N028Z FAIRCHILD-FDFMA2N028Z Datasheet
452Kb / 8P
   Integrated N-Channel PowerTrench MOSFET and Schottky Diode
FDFMA3N109 FAIRCHILD-FDFMA3N109 Datasheet
123Kb / 7P
   Integrated N-Channel PowerTrench MOSFET and Schottky Diode
FDFS2P103A FAIRCHILD-FDFS2P103A Datasheet
144Kb / 6P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com