Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A42716-000 Datasheet(PDF) 1 Page - Tyco Electronics

Part # A42716-000
Description  RAYCHEM Tubing Products
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A42716-000 Datasheet(HTML) 1 Page - Tyco Electronics

  A42716-000 Datasheet HTML 1Page - Tyco Electronics A42716-000 Datasheet HTML 2Page - Tyco Electronics A42716-000 Datasheet HTML 3Page - Tyco Electronics A42716-000 Datasheet HTML 4Page - Tyco Electronics A42716-000 Datasheet HTML 5Page - Tyco Electronics A42716-000 Datasheet HTML 6Page - Tyco Electronics A42716-000 Datasheet HTML 7Page - Tyco Electronics A42716-000 Datasheet HTML 8Page - Tyco Electronics A42716-000 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2-1
9-1773447-9
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
RAYCHEM Tubing Products
2
Table of Contents
Application Equipment
HL1910E/HL2010E Light duty heating tool . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2-3, 2-4
ThermoGun HG
Medium duty heating tool . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2-5, 2-6
CV-1981 and
CV-1983
Heavy duty hot-air heating tool . . . . . . . . . . . . . . . . . . . . . . . . .2-7, 2-8
IR-1891
Heating work station for short length tubing . . . . . . . . . . . . . .2-9, 2-10
Model 81CE
Heating oven for large, complex assemblies . . . . . . . . . . . .2-11, 2-12
RBK-ILS-
Installation of splice sealing products adjacent to
Processor MKII
ultrasonic welder . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2-13, 2-14
Model 105
Table-top or stand alone tunnel oven . . . . . . . . . . . . . . . . . .2-15, 2-16
Model 16B
Table top belt heater . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2-17, 2-18
Model 19
Belt heater for processing a broad range of products . . . . .2-19, 2-20
Model 20
Upgraded belt heater . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2-21, 2-22
VBH-1
Versatile bed heater for large assemblies and substrates . . . . .2-23, 2-24


Similar Part No. - A42716-000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A427S1YZQ ETC2-A427S1YZQ Datasheet
1Mb / 12P
   Letter codes G,L and Q,M - 6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive.
More results

Similar Description - A42716-000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TAT-125-1 MACOM-TAT-125-1 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
SST-48-07 MACOM-SST-48-07 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
A44820-000 MACOM-A44820-000 Datasheet
120Kb / 2P
   RAYCHEM Tubing Products
003667-000 MACOM-003667-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
M/A-COM Technology Solu...
5038104002 MA-COM-5038104002 Datasheet
114Kb / 2P
   RAYCHEM Tubing Products
logo
Tyco Electronics
D76139-000 MACOM-D76139-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
019083-000 MACOM-019083-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
TE Connectivity Ltd
2-1773452-8 TEC-2-1773452-8 Datasheet
2Mb / 8P
   APPLICATION TOOLING FOR RAYCHEM HEAT SHRINK PRODUCTS FROM TE CONNECTIVITY
logo
Tyco Electronics
013206-000 MACOM-013206-000 Datasheet
58Kb / 2P
   RAYCHEM
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
   Tubing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com