Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFH60UP60S3 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FFH60UP60S3
Description  60A, 600V Ultrafast Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFH60UP60S3 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FFH60UP60S3_11 Datasheet HTML 1Page - Fairchild Semiconductor FFH60UP60S3_11 Datasheet HTML 2Page - Fairchild Semiconductor FFH60UP60S3_11 Datasheet HTML 3Page - Fairchild Semiconductor FFH60UP60S3_11 Datasheet HTML 4Page - Fairchild Semiconductor FFH60UP60S3_11 Datasheet HTML 5Page - Fairchild Semiconductor FFH60UP60S3_11 Datasheet HTML 6Page - Fairchild Semiconductor FFH60UP60S3_11 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FFH60UP60S, FFH60UP60S3 Rev. C
www.fairchildsemi.com
6
TO247-3L


Similar Part No. - FFH60UP60S3_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFH60UP60S3 FAIRCHILD-FFH60UP60S3 Datasheet
490Kb / 6P
   60A, 600V Ultrafast Rectifier
logo
ON Semiconductor
FFH60UP60S3 ONSEMI-FFH60UP60S3 Datasheet
856Kb / 9P
   60 A, 600 V Ultrafast Rectifier
September 2016 Rev. 1.6
logo
Thinki Semiconductor Co...
FFH60UP60S3 THINKISEMI-FFH60UP60S3 Datasheet
2Mb / 3P
   60Ampere,600Volt SwitchMode Type Single Fast Recovery Epitaxial Diode
More results

Similar Description - FFH60UP60S3_11

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SFN60W600W2 KODENSHI-SFN60W600W2 Datasheet
243Kb / 5P
   600V, 60A ULTRAFAST RECTIFIER
logo
Fairchild Semiconductor
FFH60UP60S3 FAIRCHILD-FFH60UP60S3 Datasheet
490Kb / 6P
   60A, 600V Ultrafast Rectifier
logo
KODENSHI_AUK CORP.
SFN60W600W KODENSHI-SFN60W600W Datasheet
260Kb / 5P
   600V, 60A ULTRAFAST DUAL RECTIFIERS
SFN60W600CI KODENSHI-SFN60W600CI Datasheet
183Kb / 5P
   600V, 60A ULTRAFAST DUAL RECTIFIERS
logo
Fairchild Semiconductor
RURP1560_F085 FAIRCHILD-RURP1560_F085 Datasheet
472Kb / 6P
   15A, 600V Ultrafast Rectifier
logo
Taiwan Semiconductor Co...
UF5JFC TSC-UF5JFC Datasheet
300Kb / 5P
   5A, 600V Ultrafast Rectifier
logo
KODENSHI_AUK CORP.
SFN30W600W2 KODENSHI-SFN30W600W2 Datasheet
241Kb / 5P
   600V, 30A ULTRAFAST RECTIFIER
logo
Fairchild Semiconductor
RURG8060_F085 FAIRCHILD-RURG8060_F085 Datasheet
546Kb / 6P
   80A, 600V Ultrafast Rectifier
RURG3060_F085 FAIRCHILD-RURG3060_F085 Datasheet
276Kb / 6P
   30A, 600V Ultrafast Rectifier
RURG3060CC_F085 FAIRCHILD-RURG3060CC_F085 Datasheet
256Kb / 6P
   30A, 600V Ultrafast Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com