Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

991967-000 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 991967-000
Description  RAYCHEM Tubing Products
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

991967-000 Datasheet(HTML) 4 Page - Tyco Electronics

  991967-000 Datasheet HTML 1Page - Tyco Electronics 991967-000 Datasheet HTML 2Page - Tyco Electronics 991967-000 Datasheet HTML 3Page - Tyco Electronics 991967-000 Datasheet HTML 4Page - Tyco Electronics 991967-000 Datasheet HTML 5Page - Tyco Electronics 991967-000 Datasheet HTML 6Page - Tyco Electronics 991967-000 Datasheet HTML 7Page - Tyco Electronics 991967-000 Datasheet HTML 8Page - Tyco Electronics 991967-000 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2-4
9-1773447-9
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
RAYCHEM Tubing Products
HL1910E/HL2010E (Continued)
Description
Part Number
HL2010E-120V tool:
HL2010E-KIT-120V
CJ2087-000
HL1910E-120V tool:
HL1910E-KIT-120V
CJ2086-000
HL2010E/HL1910E Accessories:
HL1802E-074616 - SolderSleeve
Terminators Reflector
832011-000
HL1802E-070519 - Heat-Shrinkable
Tubings Reflector
022611-000
HL1802E-ADAPT-PR Adaptor for
PR Series Reflector
444817-000
PR-13C-REFLECTOR
991974-000
PR-25D-REFLECTOR
989523-000
HL2010E-BENCH-STD
CJ2085-000
Ordering Information
Technical Specifications
Voltage
120V AC
Power
2000W
Air flow
150 - 500 l/min
Weight
920g
Length
280 mm
Noise
<70dB


Similar Part No. - 991967-000

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
991967-000 TEC-991967-000 Datasheet
3Mb / 40P
   Raychem Application Tooling
More results

Similar Description - 991967-000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TAT-125-1 MACOM-TAT-125-1 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
SST-48-07 MACOM-SST-48-07 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
A44820-000 MACOM-A44820-000 Datasheet
120Kb / 2P
   RAYCHEM Tubing Products
003667-000 MACOM-003667-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
M/A-COM Technology Solu...
5038104002 MA-COM-5038104002 Datasheet
114Kb / 2P
   RAYCHEM Tubing Products
logo
Tyco Electronics
D76139-000 MACOM-D76139-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
019083-000 MACOM-019083-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
TE Connectivity Ltd
2-1773452-8 TEC-2-1773452-8 Datasheet
2Mb / 8P
   APPLICATION TOOLING FOR RAYCHEM HEAT SHRINK PRODUCTS FROM TE CONNECTIVITY
logo
Tyco Electronics
013206-000 MACOM-013206-000 Datasheet
58Kb / 2P
   RAYCHEM
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
   Tubing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com