Electronic Components Datasheet Search |
|
989111-000 Datasheet(PDF) 10 Page - Tyco Electronics |
|
989111-000 Datasheet(HTML) 10 Page - Tyco Electronics |
10 / 24 page 2-10 9-1773447-9 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 Germany: 49-6251-133-1999 CIS WR 08/2011 millimeters unless otherwise reference purposes only. Canada: 1-905-475-6222 China: 86-400-820-6015 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 te.com are metric equivalents. to change. L. & S. America: 54-11-4733-2200 UK: 44-800-267-666 RAYCHEM Tubing Products IR-1891 (Continued) Description Part No. *IR-1891-220V-Shuttle-Retn 289588-000 *IR-1891-220V-Retn-Syl 613148-000 *Note: The descriptions given here DO NOT include the supply of the necessary tooling fixtures.These are designed for each individual application. Ordering Information Description Part No. Grippers: IR-1891-SI-GRP-165-RD-1mm Red Gripper with 1mm hole 629602-000 IR-1891-SI-GRP-165-CL-2mm Clear Gripper with 2mm hole 112676-000 IR-1891-SI-GRP-165-BK-3mm Black Gripper with 3mm hole F83221-000 IR-1891-SI-GRP-165-WT-6mm White Gripper with 6mm hole 629602-000 Fixtures: IR-1891-Quick-Rel-ESS-6/1 ESS Cap (6/1) Fixture 096735-000 IR-1891-Quick-Rel-ESS-8/2 ESS Cap (8/2) Fixture 148597-000 IR-1891-Tool-Fixt-Bas-ESS Base Unit for Fixtures 760221-000 Note: A wider range of tooling fixtures and grippers designed for previous applications are available. Please contact TE for details. Accessories Technical Specifications Electrical Supply 230 V Single Phase Power Consumption 1600 W Operating Temperature 650°C max Process Rate 1200 / hour maximum depending on application and operator Heating Times 3 to 30 seconds depending on application System Noise < 70 dB Dimensions – 508636-000 L1100 x H650 x D500 mm [L43 x H25 x D20 in] Dimensions – 613148-000 / 167309-000 / 289588-000 L1100 x H900 x D500 mm [L43 x H35 x D20 in] Base Plate Dimensions 289588-000 / 167309-000 L1040 x D450 mm [L41 x D18 in] Base Plate Dimensions 613148-000 L1040 x D397 mm [L41 x D16 in] Product Range Wide range of Raychem tubing products in particular LSTT, RNF-3000, RNF-100, HTAT, ATUM. Maximum diameter 20 mm [0.8 in] and maximum length 60 mm [2.0 in] |
Similar Part No. - 989111-000 |
|
Similar Description - 989111-000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |