Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

075135-000 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 075135-000
Description  RAYCHEM Tubing Products
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

075135-000 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 075135-000 Datasheet HTML 2Page - Tyco Electronics 075135-000 Datasheet HTML 3Page - Tyco Electronics 075135-000 Datasheet HTML 4Page - Tyco Electronics 075135-000 Datasheet HTML 5Page - Tyco Electronics 075135-000 Datasheet HTML 6Page - Tyco Electronics 075135-000 Datasheet HTML 7Page - Tyco Electronics 075135-000 Datasheet HTML 8Page - Tyco Electronics 075135-000 Datasheet HTML 9Page - Tyco Electronics 075135-000 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
2-6
9-1773447-9
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
RAYCHEM Tubing Products
ThermoGun HG (Continued)
Model*
Housing Color
Part No.
HG-501A
Red
462047-000
HG-502A
Red
389363-000
HG-751A-C
Red
926935-000
HG-752A
Red
026239-000
Accessories
Tubing Application
Part No.
A-160-HG standard reflector
Diameters up to 19.05 [0.75]
991017-000
A-170-HG large tubing reflector
Diameters of 19.05–50.8 [0.75–2]
991018-000
TG-23 small boot reflector
Diameters up to 44.5 [1.75]
991026-000
TG-24 large boot reflector
991027-000
*Complete with bench stand.
Ordering Information
Accessories
A-160-HG reflector
(P/N 991017)
for short
lengths of tubing up to
19.05 [.75] in diameter.
Must be ordered separately.
A-170-HG reflector
(P/N 991018)
for short lengths
of tubing 19.05–50.8 [.75–2]
in diameter.
Must be ordered separately.
TG-23 reflector (P/N 991026)
for boots up to 44.45
[1.75] in diameter.
Must be ordered separately.


Similar Part No. - 075135-000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0751351000 MOLEX9-0751351000 Datasheet
145Kb / 4P
   1.27mm (.050) Pitch DMS-59짰 Cable Plug Subassembly, Shielded
0751351009 MOLEX9-0751351009 Datasheet
164Kb / 4P
   1.27mm (.050) Pitch DMS-59짰 Cable Plug Subassembly, Shielded
More results

Similar Description - 075135-000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TAT-125-1 MACOM-TAT-125-1 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
SST-48-07 MACOM-SST-48-07 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
A44820-000 MACOM-A44820-000 Datasheet
120Kb / 2P
   RAYCHEM Tubing Products
003667-000 MACOM-003667-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
M/A-COM Technology Solu...
5038104002 MA-COM-5038104002 Datasheet
114Kb / 2P
   RAYCHEM Tubing Products
logo
Tyco Electronics
D76139-000 MACOM-D76139-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
019083-000 MACOM-019083-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
TE Connectivity Ltd
2-1773452-8 TEC-2-1773452-8 Datasheet
2Mb / 8P
   APPLICATION TOOLING FOR RAYCHEM HEAT SHRINK PRODUCTS FROM TE CONNECTIVITY
logo
Tyco Electronics
013206-000 MACOM-013206-000 Datasheet
58Kb / 2P
   RAYCHEM
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
   Tubing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com