Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ1494-000 Datasheet(PDF) 7 Page - Tyco Electronics

Part # CJ1494-000
Description  RAYCHEM Tubing Products
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CJ1494-000 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button CJ1494-000 Datasheet HTML 3Page - Tyco Electronics CJ1494-000 Datasheet HTML 4Page - Tyco Electronics CJ1494-000 Datasheet HTML 5Page - Tyco Electronics CJ1494-000 Datasheet HTML 6Page - Tyco Electronics CJ1494-000 Datasheet HTML 7Page - Tyco Electronics CJ1494-000 Datasheet HTML 8Page - Tyco Electronics CJ1494-000 Datasheet HTML 9Page - Tyco Electronics CJ1494-000 Datasheet HTML 10Page - Tyco Electronics CJ1494-000 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
2-7
9-1773447-9
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
RAYCHEM Tubing Products
2
CV-1981 and CV-1983
Heavy Duty Hot-Air
Heating Tool
Product Facts
I
Robust, double-insulated,
heavy-duty unit
I
Highest-wattage unit
(1600–2260 watts)
I
Integral stand that allows
use as bench tool
I
Safe, quiet operation
I
Precisely variable
temperature
I
Variety of reflectors
available
I
Easy fixturing for dual
opposing heating
Specifications
Applications
Used for installing dual wall
or single wall tubing up to
three inches in diameter
and for installing
SolderSleeve devices.
Closed loop version (PID)
also available.
Available in:
Americas
Europe
Asia Pacific
II
I
Electrical Supply
CV-1981-MK2
120 V and 230 V
CV-1983
120 V and 230 V
CV-1981 PID
120 V and 230 V
Power Consumption
CV-1981-MK2
1600 W
CV-1983
2260 W/3060 W
CV-1981 PID
1600 W
Total System Noise
CV-1981-MK2
65dB
CV-1983
65dB
CV-1981 PID
>70dB
Length
CV-1981-MK2
340 mm [13.4 in]
CV-1983
320 mm [12.6 in]
CV-1981 PID
350 mm [13.8 in]
Weight
CV-1981-MK2
1.3 Kg [2.90 lb]
CV-1983
1.5 Kg [3.30 lb]
CV-1981 PID
1.4 Kg [3.10 lb]
Air Flow
CV-1981-MK2
Max 230 l/min
CV-1983
Max 500 l/min
CV-1981 PID
230 l/min
Product Range
All dual wall, single wall and molded part products.
Various devices products.
For other Raychem products , contact TE.


Similar Part No. - CJ1494-000

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CJ141003DB AAC-CJ141003DB Datasheet
740Kb / 5P
   Thick Film Chip Resistors
CJ141003DK AAC-CJ141003DK Datasheet
740Kb / 5P
   Thick Film Chip Resistors
CJ141003DM AAC-CJ141003DM Datasheet
740Kb / 5P
   Thick Film Chip Resistors
CJ141003DO AAC-CJ141003DO Datasheet
740Kb / 5P
   Thick Film Chip Resistors
CJ141003FB AAC-CJ141003FB Datasheet
740Kb / 5P
   Thick Film Chip Resistors
More results

Similar Description - CJ1494-000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TAT-125-1 MACOM-TAT-125-1 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
SST-48-07 MACOM-SST-48-07 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
A44820-000 MACOM-A44820-000 Datasheet
120Kb / 2P
   RAYCHEM Tubing Products
003667-000 MACOM-003667-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
M/A-COM Technology Solu...
5038104002 MA-COM-5038104002 Datasheet
114Kb / 2P
   RAYCHEM Tubing Products
logo
Tyco Electronics
D76139-000 MACOM-D76139-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
019083-000 MACOM-019083-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
TE Connectivity Ltd
2-1773452-8 TEC-2-1773452-8 Datasheet
2Mb / 8P
   APPLICATION TOOLING FOR RAYCHEM HEAT SHRINK PRODUCTS FROM TE CONNECTIVITY
logo
Tyco Electronics
013206-000 MACOM-013206-000 Datasheet
58Kb / 2P
   RAYCHEM
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
   Tubing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com