Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF1206UCX Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FPF1206UCX
Description  IntelliMAX Advanced Load Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF1206UCX Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FPF1206UCX Datasheet HTML 3Page - Fairchild Semiconductor FPF1206UCX Datasheet HTML 4Page - Fairchild Semiconductor FPF1206UCX Datasheet HTML 5Page - Fairchild Semiconductor FPF1206UCX Datasheet HTML 6Page - Fairchild Semiconductor FPF1206UCX Datasheet HTML 7Page - Fairchild Semiconductor FPF1206UCX Datasheet HTML 8Page - Fairchild Semiconductor FPF1206UCX Datasheet HTML 9Page - Fairchild Semiconductor FPF1206UCX Datasheet HTML 10Page - Fairchild Semiconductor FPF1206UCX Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF1205 / FPF1206 • Rev. 1.0.0
8
Typical Performance Characteristics
Figure 19. VOUT Rise and Fall Time vs. Temperature
at RL=500Ω
Figure 20. VOUT Turn-On and Turn-Off Delay
vs. Temperature at RL=500Ω
Figure 21. Turn-On Response (VIN=3.3V, CIN=1µF,
COUT=0.1µF, RL=10Ω)
Figure 22. Turn-Off Response (VIN=3.3V, CIN=1µF,
COUT=0.1µF, RL=10Ω)
Figure 23. Turn-Off Response (FPF1205 = No Output
Pull-Down Resistor) (VIN=3.3V, CIN=1µF,
COUT=0.1µF, RL=500Ω)
Figure 24. Timing Diagram
Notes:
8.
tON=tR + tDON.
9.
tOFF=tF + tDOFF.
50
55
60
65
70
75
80
85
90
95
100
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (°C)
tR
VIN = 3.3V
CL = 0.1µF
RL = 500Ω
tF
0
10
20
30
40
50
60
70
80
90
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (°C)
tdoff
tdon
VIN = 3.3V
CL = 0.1µF
RL = 500Ω
10%
VON
VOUT
VOUT
t
DON
t
DOFF
10%
3.3V
90%
t
F
90%
t
R
90%
10%
50%
50%


Similar Part No. - FPF1206UCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1203 FAIRCHILD-FPF1203 Datasheet
483Kb / 3P
   IntelliMAX??Ultra-Small, Slew-Rate-Controlled Load Switch
logo
ON Semiconductor
FPF1203 ONSEMI-FPF1203 Datasheet
1Mb / 12P
   Ultra-Small, Slew-Rate-Controlled Load Switch
September-2017, Rev. 2
logo
Fairchild Semiconductor
FPF1203L FAIRCHILD-FPF1203L Datasheet
483Kb / 3P
   IntelliMAX??Ultra-Small, Slew-Rate-Controlled Load Switch
logo
ON Semiconductor
FPF1203L ONSEMI-FPF1203L Datasheet
1Mb / 12P
   Ultra-Small, Slew-Rate-Controlled Load Switch
September-2017, Rev. 2
logo
Fairchild Semiconductor
FPF1203LUCX FAIRCHILD-FPF1203LUCX Datasheet
390Kb / 3P
   IntelliMAX??Ultra-Small, Slew-Rate-Controlled Load Switch
More results

Similar Description - FPF1206UCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1007 FAIRCHILD-FPF1007 Datasheet
1Mb / 11P
   IntelliMAX??Advanced Load Products
FPF1007 FAIRCHILD-FPF1007_12 Datasheet
1Mb / 12P
   IntelliMAX??Advanced Load Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com