Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF2313LMPX Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FPF2313LMPX
Description  Dual-Output Adjustable Current Limit Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2313LMPX Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FPF2313LMPX_10 Datasheet HTML 6Page - Fairchild Semiconductor FPF2313LMPX_10 Datasheet HTML 7Page - Fairchild Semiconductor FPF2313LMPX_10 Datasheet HTML 8Page - Fairchild Semiconductor FPF2313LMPX_10 Datasheet HTML 9Page - Fairchild Semiconductor FPF2313LMPX_10 Datasheet HTML 10Page - Fairchild Semiconductor FPF2313LMPX_10 Datasheet HTML 11Page - Fairchild Semiconductor FPF2313LMPX_10 Datasheet HTML 12Page - Fairchild Semiconductor FPF2313LMPX_10 Datasheet HTML 13Page - Fairchild Semiconductor FPF2313LMPX_10 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF2310/12/13/13L • Rev. 1.1.3
10
Typical Characteristics
Figure 32. Inrush Response During Capacitive and
Resistive Load Hot Plug-In Event
Figure 30. Current Limit Response Time Both
Channels are in OC
Figure 31. Inrush Response During Capacitive Load
Hot Plug-In Event
OUTB
500mV/DIV
IN
5V/DIV
ON
2V/DIV
400μs/DIV
OUTA
500mV/DIV
OUT
5V/DIV
IN
5V/DIV
ON
2V/DIV
400μs/DIV
IOUT
2A/DIV
400μs/DIV
IN = 5V
ON = 3.3
COUTA = 100μF
COUTB = 100μF
RLA = RLB = 1Ω
RSET = 680Ω
IN = 5V
CIN = 150μF
COUT = 47μF
CL = 150μF
RL = 10Ω
RSET = 680Ω
OUT
5V/DIV
IN
5V/DIV
ON
2V/DIV
IOUT
2A/DIV
IN = 5V
CIN = 150μF
COUT = 100μF
CL = 47μF
RL = 10Ω
RSET = 680Ω


Similar Part No. - FPF2313LMPX_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2313LMPX FAIRCHILD-FPF2313LMPX Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
More results

Similar Description - FPF2313LMPX_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2300 FAIRCHILD-FPF2300 Datasheet
1Mb / 19P
   Dual-Output Current Limit Switch
logo
Micrel Semiconductor
MIC2007 MICREL-MIC2007 Datasheet
748Kb / 17P
   Adjustable Current Limit Power Distribution Switch
logo
Richtek Technology Corp...
RT2528 RICHTEK-RT2528 Datasheet
171Kb / 12P
   Power Switch with Adjustable Current Limit
RT9728B RICHTEK-RT9728B Datasheet
227Kb / 14P
   Power Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2496 FAIRCHILD-FPF2496 Datasheet
749Kb / 9P
   Load Switch with Adjustable Current-Limit Control
logo
ON Semiconductor
NCV47722. ONSEMI-NCV47722. Datasheet
163Kb / 14P
   High Side Switch with Adjustable Current Limit
April, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com