Electronic Components Datasheet Search
Selected language     English  ▼


B-046-15-N Datasheet(PDF) 1 Page - Tyco Electronics

Part No. B-046-15-N
Description  COAXIAL PINPAK
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
SPECIFICATION CONTROL DRAWING
TE Connectivity
305 Constitution Drive
Menlo Park, CA 94025, USA
Raychem
Products
TITLE :
COAXIAL PINPAK
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO.: B-046-XX-N
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
TE Connectivity reserves the right to amend
this drawing at any time. Users should evaluate
the suitability of the product for their
application.
DATE:
15-Apr-11
DOC ISSUE:
7
DRAWN BY:
M. FORONDA
REPLACES:
D990606
PROD. REV.
SEE TABLE
DCR NUMBER:
D010002
SCALE:
None
SIZE:
A
SHEET:
1 of 1
Print Date: 9-May-11 If this document is printed it becomes uncontrolled. Check for the latest revision.
Pin Dimensions
øM max = 0.68
(0.027)
øM max = 0.88
(0.035)
Product Dimensions
Cable Dimensions
Product Rev
Product Rev
Pitch
Product
Name
Product
Name
H0.3
(H0.012)
øA
min
øB
min
øC
min
L
max
K
nom
øD
øE
øF
min.
B-046-14-N
C
2.54(0.10)
3.4
2.3
0.8
28
14
1.7(0.065)
1.3(0.050)
0.3
B-046-10-N
B
B-046-11-N
B
5.08(0.20)
(0.135)
(0.090)
(0.030)
(1.100)
(0.550)
to
to
(0.012)
B-046-12-N
B
B-046-13-N
B
6.35(0.25)
3.4(0.135)
2.3(0.090)
B-046-15-N
A
2.54(0.10)
4.4
2.8
1.6
30
14
1.7(0.065)
1.5(060)
0.3
B-046-66-N
A
B-046-68-N
A
5.08(0.20)
(0.175)
(0.110)
(0.060)
(1.180)
(0.550)
to
to
(0.012)
B-046-16-N
A
B-046-18-N
A
6.35(0.25)
4.4(0.175)
2.8(0.110)
MATERIALS
1. INSULATION SLEEVE: Heat-shrinkable, transparent blue, radiation cross-linked modified polyvinylidene fluoride.
2. SOLDER PREFORM WITH FLUX:
SOLDER:
TYPE Sn63 per ANSI-J-STD-006.
FLUX:
TYPE ROL1 per ANSI-J-STD-004.
3. MELTABLE RING: Thermally stabilized thermoplastic. Color:clear.
4. TERMINATION PIN: C519OO per ASTMB103. Plating: Tin-Lead Solder per SAE AMS-P-81728 55%Sn min.
APPLICATION
1.These controlled soldering devices are designed for termination of coaxial cables to printed circuit boards.
They will terminate the tin plated or silver plated copper center conductor and braid of a coaxial cable having an
insulation rated for at least 125C.
The lead may need to be aligned prior to insertion into the board.
2.Temperature range: -55C to +150C.
For installation, see RPIP-500-03.
For best results, prepare
the cable as shown:




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl