Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTP21070-20 Datasheet(PDF) 6 Page - RFHIC

Part # RTP21070-20
Description  The RTP21070-20 is designed for RF system application frequencies from 2110MHz to 2170MHz, with high gain.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RTP21070-20 Datasheet(HTML) 6 Page - RFHIC

  RTP21070-20 Datasheet HTML 1Page - RFHIC RTP21070-20 Datasheet HTML 2Page - RFHIC RTP21070-20 Datasheet HTML 3Page - RFHIC RTP21070-20 Datasheet HTML 4Page - RFHIC RTP21070-20 Datasheet HTML 5Page - RFHIC RTP21070-20 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Preliminary
GaN-SiC Pallet Amplifier
RTP21070-20
▪ Tel : 82-31-250-5078
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.2
Typical Output Spectrum @ WCDMA 5MHz 2FA 40MHz Spacing: Pout =70.8W(48.5dBm)
- Without DPD 2140MHz-
- With DPD 2140MHz-
Typical Output Spectrum @ WCDMA 5MHz 4FA 40MHz Spacing: Pout =70.8W(48.5dBm)
- Without DPD 2140MHz-
- With DPD 2140MHz-
RFHIC Corporation (RFHIC) reserves the right to make changes to any products herein or to discontinue any product at any time without notice. RFHIC do not
assume any liability for the suitability of its products for any particular purpose, and disclaims any and all liability, including without limitation consequential or
incidental damages. The product specifications herein expressed have been carefully checked and are assumed to be reliable. However, RFHIC disclaims liability for
inaccuracies and strongly recommends buyers to verify that the information they are using is current before placing purchase orders. RFHIC products are not
intended for use in life support equipment or application where malfunction of the product can be expected to result in personal injury or death. Buyer uses or sells
such products for any such unintended or unauthorized application, buyer shall indemnify, protect and hold RFHIC and its directors, officers, stockholders,
employees, representatives and distributors harmless against any and all claims arising out of such use. RFHIC’s liability under or arising out of damages, claims of
whatsoever kind and nature which RFHIC products could cause shall be limited in amount to the net purchase price of the products sold to buyer by RFHIC
.


Similar Part No. - RTP21070-20

ManufacturerPart #DatasheetDescription
logo
RFHIC
RTP21005-11 RFHIC-RTP21005-11 Datasheet
822Kb / 8P
   This HPA Module is a high gain and compact amplifier module for WCDMA and LTE Repeater use.
RTP21010-11 RFHIC-RTP21010-11 Datasheet
672Kb / 8P
   This HPA Module is a high gain and compact amplifier module for WCDMA and LTE Repeater use.
RTP21025-10 RFHIC-RTP21025-10 Datasheet
324Kb / 5P
   The RTP21025-10 is designed for RF system application frequencies from 2110MHz to 2170MHz, with high gain.
RTP21025-11 RFHIC-RTP21025-11 Datasheet
693Kb / 8P
   This HPA Module is a high gain and compact amplifier module for WCDMA and LTE Repeater use.
RTP21028-20 RFHIC-RTP21028-20 Datasheet
783Kb / 5P
   GaN Power Amp Pallet
More results

Similar Description - RTP21070-20

ManufacturerPart #DatasheetDescription
logo
RFHIC
RTP21050-10 RFHIC-RTP21050-10 Datasheet
262Kb / 5P
   The RTP21050-10 is designed for RF system application frequencies from 2110MHz to 2170MHz, with high gain.
RTP21025-10 RFHIC-RTP21025-10 Datasheet
324Kb / 5P
   The RTP21025-10 is designed for RF system application frequencies from 2110MHz to 2170MHz, with high gain.
RTP26070-20 RFHIC-RTP26070-20 Datasheet
286Kb / 4P
   The RTP26070-20 is designed for RF system application frequencies from 2620MHz to 2690MHz, with high gain.
RTP23070-20 RFHIC-RTP23070-20 Datasheet
284Kb / 4P
   The RTP23070-20 is designed for RF system application frequencies from 2300MHz to 2400MHz, with high gain.
RTP09050-20 RFHIC-RTP09050-20 Datasheet
574Kb / 7P
   The RTP09050-20 is designed for RF system application frequencies from 925MHz to 960MHz, with high gain.
RTP18050-S1 RFHIC-RTP18050-S1 Datasheet
224Kb / 4P
   The RTP18050-S1 is designed for RF system application frequencies from 1830MHz to 1860MHz, with high gain.
RTP07050-10 RFHIC-RTP07050-10 Datasheet
665Kb / 8P
   The RTP07050-10 is designed for RF system application frequencies from 746MHz to 780MHz, with high gain.
RTP08016-10 RFHIC-RTP08016-10 Datasheet
1Mb / 6P
   The RTP08016-10 is designed for RF system application frequencies from 860MHz to 890MHz, with high gain.
RTP08050-20B RFHIC-RTP08050-20B Datasheet
826Kb / 8P
   The RTP08050-20B is designed for RF system application frequencies from 837.5MHz to 957MHz, with high gain.
RTP07050-20B RFHIC-RTP07050-20B Datasheet
674Kb / 8P
   The RTP07050-20B is designed for RF system application frequencies from 728MHz to 842.5MHz, with high gain.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com