Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCX037BLT Datasheet(PDF) 8 Page - Sony Corporation

Part # LCX037BLT
Description  3.4cm (1.35 Type) Black-and-White LCD Panel
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX037BLT Datasheet(HTML) 8 Page - Sony Corporation

Back Button LCX037BLT Datasheet HTML 4Page - Sony Corporation LCX037BLT Datasheet HTML 5Page - Sony Corporation LCX037BLT Datasheet HTML 6Page - Sony Corporation LCX037BLT Datasheet HTML 7Page - Sony Corporation LCX037BLT Datasheet HTML 8Page - Sony Corporation LCX037BLT Datasheet HTML 9Page - Sony Corporation LCX037BLT Datasheet HTML 10Page - Sony Corporation LCX037BLT Datasheet HTML 11Page - Sony Corporation LCX037BLT Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
– 8 –
LCX037BLT
2. Clock timing conditions (Ta = 25°C)
(fHckn = 6.67MHz, fVck = 25.6kHz, fv = 60Hz)
∗4 Hckn means Hck1 and Hck2.
∗5 The minimum value of tdEnb is 800ns. When H-BLK has a long period and has some time to spare, take
more time prior to other value.
Hst rise time
Hst fall time
Hst data set-up time
Hst data hold time
Hckn rise time∗4
Hckn fall time∗4
Hck1 fall to Hck2 rise time
Hck1 rise to Hck2 fall time
Vst rise time
Vst fall time
Vst data set-up time
Vst data hold time
Vck rise time
Vck fall time
Enb rise time
Enb fall time
Horizontal video period completed
to Enb fall time
Enb width
Vck rise/fall to Enb rise time
Enb rise to Pst rise time
Pst rise time
Pst fall time
Pst data set-up time
Pst data hold time
Pst rise to Hst rise time
trHst
tfHst
tdHst
thHst
trHckn
tfHckn
to1Hck
to2Hck
trVst
tfVst
tdVst
thVst
trVck
tfVck
trEnb
tfEnb
tdEnb
twEnb
toEnb
toPst
trPst
tfPst
tdPst
thPst
toHst
–10
65
–15
–15
5
5
800∗5
900
300
390
–10
65
0
75
0
0
10
10
1000
1000
400
400
0
75
4
30
30
10
85
30
30
15
15
100
100
15
15
100
100
100
100
1200
1100
500
410
30
30
10
85
ns
µs
ns
Item
Symbol
Min.
Typ.
Max.
Unit
HST
HCK
VST
VCK
ENB
PST
×4 cycles of Hck


Similar Part No. - LCX037BLT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX037BL SONY-LCX037BL Datasheet
60Kb / 2P
   High Picture Quality 3.4 cm (1.35-Type) 1.05M-dot Wide XGA HDTV Projector LCD for the Coming Digital Age
More results

Similar Description - LCX037BLT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX007CN SONY-LCX007CN Datasheet
611Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007BNB SONY-LCX007BNB Datasheet
661Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007BKA SONY-LCX007BKA Datasheet
624Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX029CPT SONY-LCX029CPT Datasheet
334Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX038AST SONY-LCX038AST Datasheet
318Kb / 27P
   1.8cm (0.7 Type) Black-and-White LCD Panel
LCX029CNT SONY-LCX029CNT Datasheet
335Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CST SONY-LCX029CST Datasheet
334Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX036AMT SONY-LCX036AMT Datasheet
72Kb / 2P
   4.6cm (1.8-type) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com