Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOT23-6L Datasheet(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # SOT23-6L
Description  TVS Diode Array WE-TVS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

SOT23-6L Datasheet(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  SOT23-6L Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. SOT23-6L Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. SOT23-6L Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. SOT23-6L Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. SOT23-6L Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Customer :
Ordercode:
Description :
Package:
A
3.15 ± 0.15
mm
B
4.00 ± 0.10
mm
C
8.00 ± 0.20
mm
D
1.55 ± 0.05
mm
E
4.00 ± 0.10
mm
F
2.00 ± 0.05
mm
G
1.75 ± 0.10
mm
H
3.50 ± 0.05
mm
I
3.25 ± 0.15
mm
J
1.35 ± 0.15
mm
K
0.25 ± 0.02
mm
a
178.0 ± 2.0
mm
b
13.0 ± 0.8
mm
c
10.0 ± 1.5
mm
d
12.5 ± 2.0
mm
165°to 180°
Quantity per Reel:
3000
JB
Version 1
2010-01-27
Name
Modification
Date
I Tape:
General Release:
http://www.we-online.com
Checked
Approved
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Phone (+49) (0) 7942 - 945 - 0 · Fax (+49) (0) 7942 - 945 - 400
..................................................................................
..................................................................................
Date
Signature
..................................................................................
J Reel:
Customer
Würth Elektronik
..................................................................................
Specification for release
SOT23-6L
82402305
TVS Diode Array WE-TVS
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety
and reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine,
transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, W ürth Elektronik eiSos GmbH must be
informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits
that require high safety and reliability functions or performance.
B
A
E
ØD
F
G
H
C
J
I
K
a
b
c
d
Pin 1
Feeding Direction
PAGE 5 OF 5


Similar Part No. - SOT23-6L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SOT23-6L STMICROELECTRONICS-SOT23-6L Datasheet
60Kb / 7P
   LOW VOLTAGE 4ohm SPDT SWITCH
logo
Wurth Elektronik GmbH &...
SOT23-6L WURTH-SOT23-6L Datasheet
241Kb / 5P
   TVS Diode Array WE-TVS
SOT23-6L WURTH-SOT23-6L Datasheet
234Kb / 5P
   TVS Diode Array WE-TVS
More results

Similar Description - SOT23-6L

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
824022 WURTH-824022 Datasheet
229Kb / 5P
   TVS Diode Array WE-TVS
8240116 WURTH-8240116 Datasheet
236Kb / 5P
   TVS Diode Array WE-TVS
8240136 WURTH-8240136 Datasheet
236Kb / 5P
   TVS Diode Array WE-TVS
82401646 WURTH-82401646 Datasheet
238Kb / 5P
   TVS Diode Array WE-TVS
824021 WURTH-824021 Datasheet
233Kb / 5P
   TVS Diode Array WE-TVS
82401444 WURTH-82401444 Datasheet
242Kb / 5P
   TVS Diode Array WE-TVS
824001 WURTH-824001 Datasheet
235Kb / 5P
   TVS Diode Array WE-TVS
824013 WURTH-824013 Datasheet
545Kb / 5P
   TVS Diode Array WE-TVS
8240026 WURTH-8240026 Datasheet
239Kb / 5P
   TVS Diode Array WE-TVS
82402374 WURTH-82402374 Datasheet
229Kb / 5P
   TVS Diode Array WE-TVS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com