Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC70-5L Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # SC70-5L
Description  TVS Diode Array WE-TVS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

SC70-5L Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  SC70-5L Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. SC70-5L Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. SC70-5L Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. SC70-5L Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. SC70-5L Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Customer :
Ordercode:
Description :
Package:
U
I/O to GND
I/O to I/O
0,5
0,1
0,1
9
0,1
0,1
9,5
0,1
0,1
I/O start
6,2
0,2
I/O end
8,4
17
VDD start
7,5
0,2
VDD end
11,8
17
A
0.40
mm
B
0.85
mm
C
0.65
mm
D
1.85
mm
E
1.00
mm
F
2.70
mm
W23: Device Code
X: Date Code
Y: Control Code
Transmission Line Pulsing (TLP) Measurement
Transmission Line Pulsing System
http://www.we-online.com
82402374
SC70-5L
Specification for release
F Recommended Land Layout:
G Body Marking:
D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Phone (+49) (0) 7942 - 945 - 0 · Fax (+49) (0) 7942 - 945 - 400
E Typical Characteristic:
DATUM / DATE : 2010-01-27
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
TVS Diode Array WE-TVS
0,0
2,0
4,0
6,0
8,0
10,0
12,0
14,0
16,0
18,0
0
2
4
6
8
10
12
TLP Voltage [V]
I/O to GND
DUT
Rise time: 1ns
100ns
Pulse
V
I
5
4
1
2
3
W23XY
A
E
B
F
D
C
PAGE 3 OF 5


Similar Part No. - SC70-5L

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
SC70-5 ZETEX-SC70-5 Datasheet
195Kb / 3P
   Surface mounted, 5 pin package Package outline
logo
Global Mixed-mode Techn...
SC70-5 GMT-SC70-5 Datasheet
121Kb / 1P
   Package Outline
More results

Similar Description - SC70-5L

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
824022 WURTH-824022 Datasheet
229Kb / 5P
   TVS Diode Array WE-TVS
8240116 WURTH-8240116 Datasheet
236Kb / 5P
   TVS Diode Array WE-TVS
8240136 WURTH-8240136 Datasheet
236Kb / 5P
   TVS Diode Array WE-TVS
82402305 WURTH-82402305 Datasheet
234Kb / 5P
   TVS Diode Array WE-TVS
82401646 WURTH-82401646 Datasheet
238Kb / 5P
   TVS Diode Array WE-TVS
824021 WURTH-824021 Datasheet
233Kb / 5P
   TVS Diode Array WE-TVS
82401444 WURTH-82401444 Datasheet
242Kb / 5P
   TVS Diode Array WE-TVS
824001 WURTH-824001 Datasheet
235Kb / 5P
   TVS Diode Array WE-TVS
824013 WURTH-824013 Datasheet
545Kb / 5P
   TVS Diode Array WE-TVS
8240026 WURTH-8240026 Datasheet
239Kb / 5P
   TVS Diode Array WE-TVS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com