Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

860L-860-1200103 Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # 860L-860-1200103
Description  MINI DIGITAL A/V PATCH CABLE ASSEMBLY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

860L-860-1200103 Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  860L-860-1200103 Datasheet HTML 1Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIM.A 1.25 [ 31.75 ]
CATALOG P/N: 860L-860-XXX01YY SEE TABLES
NOTES: UNLESS OTHERWISE SPECIFIED
1. MATERIAL:
CABLE BOOT: BUNA N RUBBER
PATCH PLUG:
BODY, CONTACT: BRASS PER ASTM B16
INSULATOR: TEFLON PER ASTM D1710
FERRULE: COMMERCIAL BRONZE, ASTM B135 OR ASTM B36
2. FINISH SPECIFICATIONS:
BODY: .000100MIN NICKEL PER AMS-QQ-N-290
OVER COPPER FLASH PER ASTM B734 (ROHS)
CONTACT: .000030 MIN. GOLD PER ASTM B488, OVER NICKEL PER AMS-QQ-N-290 (ROHS)
OTHERS: .000050 MIN NICKEL PER MIL-C-26074 OVER .000050 MIN COPPER PER ASTM B734 (RoHS)
3. FOR USE WITH BELDEN 1855A AND GEPCO VDM230 OR EQUIVALENT.
4. ELECTRICAL SPECIFICATIONS:
NOMINAL IMPEDANCE: 75 OHMS
FREQUENCY RANGE: DC TO 4.5 GHz
5. COMPLIANT TO SMPTE 424M (3G-SDI) SPECIFICATION.
PART NUMBER
DIM A 1.25
860L-860-01201YY
12.00
860L-860-02401YY
24.00
860L-860-03601YY
36.00
860L-860-04801YY
48.00
860L-860-06001YY
60.00
860L-860-07201YY
72.00
860L-860-12001YY
120.00
860L-860-30001YY
300.00
YY
COLOR
01
BROWN
02
RED
03
ORANGE
04
YELLOW
05
GREEN
06
BLUE
07
VIOLET
08
GREY
09
WHITE
10
BLACK
A
MINI DIGITAL A/V PATCH
CABLE ASSEMBLY
BY
DATE APPD
ER042624
DESCRIPTION
B
REV
03/28/11
WPM
DATE
APPROVED
XX/XX/XX
XXX
DATE
APPROVED
03/28/11
DCam
DATE
APPROVED
03/25/11
CY
DATE
DRAWN
CUSTOMER
SALES DRAWING
PER ASME Y14.5M-1994
UNLESS OTHERWISE SPECIFIED:
DIMENSIONS ARE IN INCHES [MM]
TOLERANCES:
DECIMAL: .XX [X.X] ± .01 [0.3]
.XXX [X.XX] ± .005 [0.13]
.XXXX [X.XXX] ± .XXXX
ANGLES: ± 2°
SCALE: 1:1
SHT
REV
OF
B
1 1
SD860L-860-XXX01YY
Winchester Electronics Corporation
62 Barnes Industrial Road North
Wallingford, Connecticut 06492
THIRD
ANGLE
DMF026 B


Similar Part No. - 860L-860-1200103

ManufacturerPart #DatasheetDescription
logo
Littelfuse
860 LITTELFUSE-860 Datasheet
82Kb / 1P
   Panel Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
logo
Vishay Siliconix
860 VISHAY-860 Datasheet
158Kb / 4P
   1 - 13/16” (46mm) Three and Ten Turn Wirewound Precision Potentiometer
Revision 16-Jul-03
860 VISHAY-860 Datasheet
83Kb / 4P
   (46 mm) Ten Turn Wirewound Potentiometer, Bushing Mount
01-Jan-2022
logo
Precid-Dip Durtal SA
860 PREDIP-860 Datasheet
95Kb / 3P
   PCB CONNECTORS
logo
Qualtek Electronics Cor...
860-02-001 QUALTEK-860-02-001 Datasheet
253Kb / 1P
   EMI FILTER
More results

Similar Description - 860L-860-1200103

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1110401054 MOLEX-1110401054 Datasheet
367Kb / 3P
   QSFP COPPER PATCH CABLE ASSEMBLY CABLE ASSEMBLY
2021/06/02
logo
Samtec, Inc
MMSD-06-20-L-03.25 SAMTEC-MMSD-06-20-L-03.25 Datasheet
224Kb / 1P
   MINI MATE짰 CABLE ASSEMBLY
logo
Winchester Electronics ...
2449020 WINCHESTER-2449020 Datasheet
72Kb / 1P
   A/V MINI PLUG
8601-1 WINCHESTER-8601-1 Datasheet
321Kb / 1P
   A/V MINI JACKFIELD
logo
Molex Electronics Ltd.
1110415001 MOLEX1-1110415001 Datasheet
46Kb / 1P
   HSAutoLink Cable Assembly, LVDS MINI-B Plug-to-MINI-B Plug, 0.50m Length,Polarization A-to-A
1110145000 MOLEX1-1110145000 Datasheet
46Kb / 1P
   HSAutoLink Cable Assembly, USCAR/USB MINI-B Plug-to-MINI-B Plug, 0.50m Length,Polarization A, A
1110150101 MOLEX-1110150101 Datasheet
261Kb / 2P
   USB CABLE ASSEMBLY MINI-B PLUG TO SHROUDED STD-A RECEPT
2022/06/21
logo
3M Electronics
4120-1110-06-B 3M-4120-1110-06-B Datasheet
213Kb / 3P
   Mini D Ribbon (MDR) Cable Assembly
logo
Oscilent Corporation
815-IF36.125M-A OSCILENT-815-IF36.125M-A Datasheet
143Kb / 2P
   Digital A/V & Broadcasting
815-IF44.0M-B OSCILENT-815-IF44.0M-B Datasheet
144Kb / 2P
   Digital A/V & Broadcasting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com