Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCX18N00B Datasheet(PDF) 8 Page - Sony Corporation

Part # MCX18N00B
Description  Micro Unit CCD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

MCX18N00B Datasheet(HTML) 8 Page - Sony Corporation

Back Button MCX18N00B Datasheet HTML 4Page - Sony Corporation MCX18N00B Datasheet HTML 5Page - Sony Corporation MCX18N00B Datasheet HTML 6Page - Sony Corporation MCX18N00B Datasheet HTML 7Page - Sony Corporation MCX18N00B Datasheet HTML 8Page - Sony Corporation MCX18N00B Datasheet HTML 9Page - Sony Corporation MCX18N00B Datasheet HTML 10Page - Sony Corporation MCX18N00B Datasheet HTML 11Page - Sony Corporation MCX18N00B Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
– 8 –
MCX18N00A/MCX18N00B
Image Sensor Characteristics
(Ta = 25°C)
Item
Sensitivity
Saturation signal
Smear
Dark signal
Dark signal shading
S
Ysat
Sm
Ydt
∆Ydt
285
700
360
0.007
0.012
2
1
mV
mV
%
mV
mV
1
2
3
4
5
Center of screen
Ta = 60°C, center of screen
Ta = 60°C
Ta = 60°C
Symbol
Min.
Typ.
Max.
Unit
Measure-
ment
method
Remarks
Measurement System
C.D.S
LPF1
AMP
CCD OUT
Y signal output
(3dB down 4MHz)
[∗Y]
[∗A]
Note) Adjust the amplifier gain so that the gain between [∗A] and [∗Y] equals 1.
Micro unit CCD


Similar Part No. - MCX18N00B

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
MCX18LG0A SONY-MCX18LG0A Datasheet
238Kb / 23P
   Micro Unit CCD
MCX18LG0B SONY-MCX18LG0B Datasheet
238Kb / 23P
   Micro Unit CCD
More results

Similar Description - MCX18N00B

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
MCX18LG0A SONY-MCX18LG0A Datasheet
238Kb / 23P
   Micro Unit CCD
logo
Hitachi Semiconductor
HD68000 HITACHI-HD68000 Datasheet
5Mb / 85P
   MPU(MICRO PROCESSING UNIT)
HD6809 HITACHI-HD6809 Datasheet
2Mb / 33P
   MCU (MICRO PROCESSING UNIT)
logo
List of Unclassifed Man...
AMU-C ETC-AMU-C Datasheet
86Kb / 1P
   Micro EM Clutch/Brake Unit
MP ETC-MP Datasheet
122Kb / 1P
   Micro EM Clutch/Brake Unit
logo
Hitachi Semiconductor
HD63B09 HITACHI-HD63B09 Datasheet
2Mb / 45P
   CMOS MPU(MICRO PROCESSING UNIT)
logo
Panasonic Semiconductor
BR2330AVA PANASONIC-BR2330AVA Datasheet
19Kb / 1P
   Lithium and Micro Battery Business Unit
BR1225AHB PANASONIC-BR1225AHB Datasheet
23Kb / 1P
   Lithium and Micro Battery Business Unit
BR2477AHB PANASONIC-BR2477AHB Datasheet
19Kb / 1P
   Lithium and Micro Battery Business Unit
BR1225AFA PANASONIC-BR1225AFA Datasheet
21Kb / 1P
   Lithium and Micro Battery Business Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com