Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSH200 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSH200
Description  NPN Epitaxial Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSH200 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSH200_10 Datasheet HTML 1Page - Fairchild Semiconductor KSH200_10 Datasheet HTML 2Page - Fairchild Semiconductor KSH200_10 Datasheet HTML 3Page - Fairchild Semiconductor KSH200_10 Datasheet HTML 4Page - Fairchild Semiconductor KSH200_10 Datasheet HTML 5Page - Fairchild Semiconductor KSH200_10 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KSH200 Rev. B0
2
Typical Performance Characteristics
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 3. Collector Output Capacitance
Figure 4. Turn On Time
Figure 5. Turn Off Time
Figure 6. Safe Operating Area
0.01
0.1
1
10
1
10
100
1000
VCE=2V
VCE=1V
IC[A], COLLECTOR CURRENT
0.01
0.1
1
10
0.01
0.1
1
10
VCE
(sat
)
V
BE(sat)
I
C=10IB
I
C[A], COLLECTOR CURRENT
0.1
1
10
100
1
10
100
1000
V
CB[V], COLLECTOR BASE VOLTAGE
0.01
0.1
1
10
0.01
0.1
1
10
tD
tR
VCC=30V
IC=10IB
IC[A], COLLECTOR CURRENT
0.01
0.1
1
10
10
100
1000
t
F
t
STG
V
CC=30V
I
C=10IB
I
B1=-IB2
I
C[A], COLLECTOR CURRENT
0.1
1
10
100
0.01
0.1
1
10
100
D
C
5m
s
1ms
50
0μs
VCE[V], COLLECTOR-EMITTER VOLTAGE


Similar Part No. - KSH200_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSH200 FAIRCHILD-KSH200 Datasheet
52Kb / 6P
   D-PAK for Surface Mount Applications
logo
Inchange Semiconductor ...
KSH200 ISC-KSH200 Datasheet
338Kb / 3P
   isc Silicon NPN Power Transistor
More results

Similar Description - KSH200_10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com