Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSP45TA Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # KSP45TA
Description  NPN Epitaxial Silicon Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSP45TA Datasheet(HTML) 4 Page - Fairchild Semiconductor

  KSP45TA_12 Datasheet HTML 1Page - Fairchild Semiconductor KSP45TA_12 Datasheet HTML 2Page - Fairchild Semiconductor KSP45TA_12 Datasheet HTML 3Page - Fairchild Semiconductor KSP45TA_12 Datasheet HTML 4Page - Fairchild Semiconductor KSP45TA_12 Datasheet HTML 5Page - Fairchild Semiconductor KSP45TA_12 Datasheet HTML 6Page - Fairchild Semiconductor KSP45TA_12 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KSP44/45 Rev. A3
4
Typical Performance Characteristics (Continued)
Figure 7. High-Frequency Current Gain
Figure 8. Safe Operating Area
0.1
1
10
100
1000
0.1
1
10
100
VCE=10V
f=10MHz
Ta=25℃
IC[mA], COLLECTOR CURRENT
1
10
100
1000
10000
1
10
100
1000
10000
100000
T
c
=25
100us
1s
Valid for Duty Cycle ≤ 10%
MSPA44
T
a
=25
1ms
VCE[V], COLLECTOR-EMITTER VOLTAGE


Similar Part No. - KSP45TA_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSP45TA FAIRCHILD-KSP45TA Datasheet
276Kb / 7P
   NPN Epitaxial Silicon Transistor
KSP45TA FAIRCHILD-KSP45TA Datasheet
248Kb / 7P
   NPN Epitaxial Silicon Transistor
More results

Similar Description - KSP45TA_12

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com