Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KST3906 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KST3906
Description  PNP Epitaxial Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KST3906 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KST3906_10 Datasheet HTML 1Page - Fairchild Semiconductor KST3906_10 Datasheet HTML 2Page - Fairchild Semiconductor KST3906_10 Datasheet HTML 3Page - Fairchild Semiconductor KST3906_10 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KST3906 Rev. A3
1
September 2010
KST3906
PNP Epitaxial Silicon Transistor
Features
• General Purpose Transistor
Absolute Maximum Ratings T
a = 25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
* Pulse Test: Pulse Width
≤300μs, Duty Cycle≤2%
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-40
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-200
mA
PC
Collector Power Dissipation
350
mW
TSTG
Storage Temperature
150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Unit
BVCBO
Collector-Base Breakdown Voltage
IC= -10μA, IE=0
-40
V
BVCEO
* Collector-Emitter Breakdown Voltage IC= -1.0mA, IB=0
-40
V
BVEBO
Emitter-Base Breakdown Voltage
IE= -10μA, IC=0
-5
V
ICEX
Collector Cut-off Current
VCE= -30V, VEB= -3V
-50
nA
hFE
* DC Current Gain
VCE= -1V, IC= -0.1mA
VCE= -1V, IC= -1mA
VCE= -1V, IC= -10mA
VCE= -1V, IC= -50mA
VCE= -1V, IC= -100mA
60
80
100
60
30
300
VCE (sat)
* Collector-Emitter Saturation Voltage IC= -10mA, IB= -1.0mA
IC= -50mA, IB= -5.0mA
-0.25
-0.4
V
V
VBE (sat)
* Base-Emitter Saturation Voltage
IC= -10mA, IB= -1.0mA
IC= -50mA, IB= -5.0mA
-0.65
-0.85
-0.95
V
V
fT
Current Gain Bandwidth Product
IC= -10mA, VCE= -20V, f=100MHz
250
MHz
Cob
Output Capacitance
VCB= -5V, IE=0, f=1.0MHz
4.5
pF
NF
Noise Figure
IC= -100μA, VCE= -5V
RS=1KΩ, f=10Hz to 15.7KHz
4dB
tON
Turn On Time
VCC= -3V, VBE= -0.5V
IC= -10mA, IB1= -1mA
70
ns
tOFF
Turn Off Time
VCC= -3V, IC= -10mA
IB1=IB2= -1mA
300
ns
1. Base 2. Emitter 3. Collector
SOT-23
1
2
3
2A
Marking


Similar Part No. - KST3906_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KST3906MTF FAIRCHILD-KST3906MTF Datasheet
113Kb / 4P
   PNP Epitaxial Silicon Transistor
More results

Similar Description - KST3906_10

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com