Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM2014 Datasheet(PDF) 4 Page - Sony Corporation

Part # SGM2014
Description  GaAs N-channel Dual Gate MES FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SGM2014 Datasheet(HTML) 4 Page - Sony Corporation

  SGM2014 Datasheet HTML 1Page - Sony Corporation SGM2014 Datasheet HTML 2Page - Sony Corporation SGM2014 Datasheet HTML 3Page - Sony Corporation SGM2014 Datasheet HTML 4Page - Sony Corporation SGM2014 Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
– 4 –
SGM2014AN
S-parameter vs. Frequency Characteristics (VDS = 5V, VG2S = 1.5V, ID = 10mA)
(Z0 = 50
Ω)
f
(MHz)
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
0.979
0.979
0.975
0.974
0.970
0.969
0.968
0.967
0.967
0.967
0.962
0.959
0.956
0.955
0.952
0.950
0.950
0.950
0.949
0.945
–1.9
–4.0
–6.1
–8.2
–10.2
–12.1
–14.2
–16.3
–18.2
–20.3
–22.3
–24.4
–26.5
–28.9
–31.4
–33.9
–36.9
–39.5
–42.4
–45.0
S22
MAG
ANG
0.001
0.003
0.003
0.005
0.006
0.008
0.008
0.009
0.010
0.011
0.012
0.012
0.013
0.013
0.013
0.013
0.013
0.013
0.013
0.013
87.1
78.7
81.9
82.0
78.7
83.6
83.0
77.8
77.2
79.9
81.0
78.3
76.9
76.6
74.7
76.7
76.4
80.2
79.8
83.2
S12
MAG
ANG
1.531
1.527
1.526
1.520
1.506
1.497
1.486
1.478
1.468
1.454
1.440
1.422
1.412
1.399
1.387
1.366
1.349
1.333
1.316
1.298
175.1
170.2
165.4
160.3
155.6
150.7
146.1
141.5
136.7
131.8
127.4
122.8
118.4
113.8
109.3
104.6
100.3
95.8
91.5
87.2
S21
MAG
ANG
0.999
0.997
0.991
0.981
0.968
0.956
0.944
0.929
0.917
0.898
0.877
0.855
0.831
0.809
0.785
0.762
0.737
0.721
0.685
0.655
–2.8
–5.9
–9.0
–12.3
–15.5
–18.9
–21.8
–24.7
–27.4
–30.4
–32.8
–35.4
–38.0
–40.8
–43.3
–45.8
–48.2
–50.5
–52.7
–54.5
S11
MAG
ANG
Noise Figure Characteristics (VDS = 5V, VG2S = 1.5V, ID = 10mA)
f
(MHz)
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
5.8
8.4
11.0
13.4
15.6
17.8
19.9
22.0
24.0
25.9
27.8
29.7
31.6
33.5
35.5
37.5
39.5
41.6
43.8
59.7
59.6
59.4
59.1
58.8
58.4
58.0
57.4
56.8
56.2
55.4
54.6
53.8
52.8
51.8
50.7
49.6
48.3
47.0
MAG
Rn
(
Ω)
0.76
0.88
0.99
1.11
1.23
1.34
1.45
1.54
1.62
1.71
1.80
1.90
1.99
2.09
2.18
2.26
2.34
2.42
2.50
0.94
0.91
0.88
0.86
0.83
0.81
0.79
0.77
0.75
0.73
0.71
0.69
0.67
0.65
0.63
0.61
0.59
0.56
0.54
Gamma Optimum
NFmin
(dB)
ANG


Similar Part No. - SGM2014

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SGM2014 SONY-SGM2014 Datasheet
51Kb / 5P
   GaAs N-channel Dual Gate MES FET
SGM2014 SONY-SGM2014 Datasheet
107Kb / 4P
   GaAs N-channel Dual Gate MES FET?
logo
SG Micro Corp
SGM2014 SGMICRO-SGM2014 Datasheet
569Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2014-1.5 SGMICRO-SGM2014-1.5 Datasheet
569Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2014-1.5YN5/TR SGMICRO-SGM2014-1.5YN5/TR Datasheet
569Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
More results

Similar Description - SGM2014

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CF739 SIEMENS-CF739 Datasheet
138Kb / 7P
   GaAs FET (N-channel dual-gate GaAs MES FET)
logo
Sony Corporation
3SK165A SONY-3SK165A Datasheet
59Kb / 5P
   GaAs N-channel Dual Gate MES FET
SGM2016AM SONY-SGM2016AM Datasheet
61Kb / 5P
   GaAs N-channel Dual-Gate MES FET
SGM2014M SONY-SGM2014M Datasheet
107Kb / 4P
   GaAs N-channel Dual Gate MES FET?
SGM2013N SONY-SGM2013N Datasheet
54Kb / 5P
   GaAs N-channel Dual-Gate MES FET
SGM2014AM SONY-SGM2014AM Datasheet
51Kb / 5P
   GaAs N-channel Dual Gate MES FET
3SK147 SONY-3SK147 Datasheet
510Kb / 4P
   GAAS N-CHANNEL DUAL-GATE MES FET
3SK166A SONY-3SK166A Datasheet
72Kb / 5P
   GaAs N-channel Dual Gate MES FET
SGM2016AN SONY-SGM2016AN Datasheet
56Kb / 5P
   GaAs N-channel Dual-Gate MES FET
SGM2016M SONY-SGM2016M Datasheet
112Kb / 4P
   GaAs N-channel Dual-Gate MES FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com