Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RURD620CCS9A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # RURD620CCS9A
Description  6A, 200V Ultrafast Dual Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RURD620CCS9A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  RURD620CCS9A_11 Datasheet HTML 1Page - Fairchild Semiconductor RURD620CCS9A_11 Datasheet HTML 2Page - Fairchild Semiconductor RURD620CCS9A_11 Datasheet HTML 3Page - Fairchild Semiconductor RURD620CCS9A_11 Datasheet HTML 4Page - Fairchild Semiconductor RURD620CCS9A_11 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Specifications
(Per Leg) TC = 25
oC, Unless Otherwise Specified
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
VF
IF = 6A
-
-
1.0
V
IF = 6A, TC = 150
oC
-
-
0.83
V
IR
VR = 200V
-
-
100
µA
VR = 200V, TC = 150
oC
-
-
500
µA
trr
IF = 1A, dIF/dt = 200A/µs-
-
25
ns
IF = 6A, dIF/dt = 200A/µs-
-
30
ns
ta
IF = 6A, dIF/dt = 200A/µs
-
13
-
ns
tb
IF = 6A, dIF/dt = 200A/µs
-
6.5
-
ns
QRR
IF = 6A, dIF/dt = 200A/µs
-
20
-
nC
CJ
VR = 10V, IF = 0A
-
30
-
pf
RθJC
-
-
3.5
oC/W
DEFINITIONS
VF = Instantaneous forward voltage (pw = 300µs, D = 2%).
IR = Instantaneous reverse current.
trr = Reverse recovery time (See Figure 9), summation of ta + tb.
ta = Time to reach peak reverse current (See Figure 9).
tb = Time from peak IRM to projected zero crossing of IRM based on a straight line from peak IRM through 25% of IRM (See Figure 9).
QRR = Reverse recovery charge.
CJ = Junction Capacitance.
RθJC = Thermal resistance junction to case.
pw = Pulse width.
D = Duty cycle.
Typical Performance Curves
FIGURE 1. FORWARD CURRENT vs FORWARD VOLTAGE
FIGURE 2. REVERSE CURRENT vs REVERSE VOLTAGE
VF, FORWARD VOLTAGE (V)
1
30
0.5
10
0
0.25
0.5
0.75
1
1.25
1.5
25oC
100oC
175oC
VR, REVERSE VOLTAGE (V)
0
200
50
150
100
100
0.01
0.1
1
10
0.001
25oC
100oC
175oC
RURD620CCS9A_F085
©2011 Fairchild Semiconductor Corporation
RURD620CCS9A_F085 Rev. C1


Similar Part No. - RURD620CCS9A_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURD620CCS9A FAIRCHILD-RURD620CCS9A Datasheet
346Kb / 5P
   6A, 200V Ultrafast Dual Diodes
More results

Similar Description - RURD620CCS9A_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURD620CC INTERSIL-RURD620CC Datasheet
50Kb / 4P
   6A, 200V Ultrafast Dual Diodes
logo
Fairchild Semiconductor
RURD620CC FAIRCHILD-RURD620CC Datasheet
346Kb / 5P
   6A, 200V Ultrafast Dual Diodes
logo
Intersil Corporation
RURD620 INTERSIL-RURD620 Datasheet
50Kb / 4P
   6A, 200V Ultrafast Diodes
MUR1620CT INTERSIL-MUR1620CT Datasheet
52Kb / 5P
   8A, 200V Ultrafast Dual Diodes
MUR3020PT INTERSIL-MUR3020PT Datasheet
31Kb / 3P
   15A, 200V Ultrafast Dual Diodes
RURP640CC INTERSIL-RURP640CC Datasheet
75Kb / 4P
   6A, 400V - 600V Ultrafast Dual Diodes
BYW51-100 INTERSIL-BYW51-100 Datasheet
25Kb / 3P
   8A, 100V - 200V Ultrafast Dual Diodes
June 1995
logo
New Jersey Semi-Conduct...
MUR3010PT NJSEMI-MUR3010PT Datasheet
80Kb / 2P
   15A, 100V - 200V Ultrafast Dual Diodes
logo
Harris Corporation
MUR3010PT HARRIS-MUR3010PT Datasheet
31Kb / 3P
   15A, 100V - 200V Ultrafast Dual Diodes
logo
Fairchild Semiconductor
RURD660 FAIRCHILD-RURD660 Datasheet
392Kb / 5P
   6A, 600V Ultrafast Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com