Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP32 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # TIP32
Description  PNP Epitaxial Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIP32 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  TIP32_08 Datasheet HTML 1Page - Fairchild Semiconductor TIP32_08 Datasheet HTML 2Page - Fairchild Semiconductor TIP32_08 Datasheet HTML 3Page - Fairchild Semiconductor TIP32_08 Datasheet HTML 4Page - Fairchild Semiconductor TIP32_08 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
TIP32/TIP32A/TIP32B/TIP32C Rev. A
1
July 2008
TIP32/TIP32A/TIP32B/TIP32C
PNP Epitaxial Silicon Transistor
Features
• Complementary to TIP31/TIP31A/TIP31B/TIP31C
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: TIP32
: TIP32A
: TIP32B
: TIP32C
- 40
- 60
- 80
- 100
V
V
V
V
VCEO
Collector-Emitter Voltage
: TIP32
: TIP32A
: TIP32B
: TIP32C
- 40
- 60
- 80
-100
V
V
V
V
VEBO
Emitter-Base Voltage
- 5
V
IC
Collector Current (DC)
- 3
A
ICP
Collector Current (Pulse)
- 5
A
IB
Base Current
- 3
A
PC
Collector Dissipation (TC=25°C)
40
W
Collector Dissipation (Ta=25°C)
2
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
1. Base 2. Collector 3. Emitter


Similar Part No. - TIP32_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TIP3220FAA VISHAY-TIP3220FAA Datasheet
87Kb / 4P
   Infrared Touch Panels
Revision 05-Dec-00
TIP3220FAB VISHAY-TIP3220FAB Datasheet
87Kb / 4P
   Infrared Touch Panels
Revision 05-Dec-00
TIP3220FAC VISHAY-TIP3220FAC Datasheet
87Kb / 4P
   Infrared Touch Panels
Revision 05-Dec-00
TIP3220FAD VISHAY-TIP3220FAD Datasheet
87Kb / 4P
   Infrared Touch Panels
Revision 05-Dec-00
TIP3220FAS VISHAY-TIP3220FAS Datasheet
87Kb / 4P
   Infrared Touch Panels
Revision 05-Dec-00
More results

Similar Description - TIP32_08

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com