Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5247B Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MMSZ5247B
Description  Zeners
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMSZ5247B Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MMSZ5247B_12 Datasheet HTML 1Page - Fairchild Semiconductor MMSZ5247B_12 Datasheet HTML 2Page - Fairchild Semiconductor MMSZ5247B_12 Datasheet HTML 3Page - Fairchild Semiconductor MMSZ5247B_12 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MMSZ5226B - MMSZ5257B Rev. E2
2
Electrical Characteristics (Continued) T
A = 25°C unless otherwise noted
Device
Mark
VZ (V)
ZZ(Ω) @ IZK(mA) ZZK(Ω) @ IZK(mA)
IR(μA) @ VR (V)
Min.
Typ.
Max.
MMSZ5248B
MMSZ5249B
MMSZ5250B
MMSZ5251B
MMSZ5252B
J3
J4
J5
K1
K2
17.1
18.05
19
20.92
22.8
18
19
20
22
24
18.9
19.95
21
23.1
25.2
21
23
25
29
33
7.0
6.6
6.2
5.6
5.2
600
600
600
600
600
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
14
14
15
17
18
MMSZ5253B
MMSZ5254B
MMSZ5255B
MMSZ5256B
MMSZ5257B
K3
K4
K5
M1
M2
23.75
25.65
26.6
28.5
31.35
25
27
28
30
33
26.25
28.35
29.4
31.5
34.65
35
41
44
49
58
5.0
4.6
4.5
4.2
3.8
600
600
600
600
700
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
19
21
21
23
25
VF Foward Voltage = 0.9V Maximum @ IF = 10mA for all MMSZ5200 series


Similar Part No. - MMSZ5247B_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ5247BT1 ONSEMI-MMSZ5247BT1 Datasheet
75Kb / 6P
   Zener Voltage Regulators
January, 2005 ??Rev. 5
logo
Motorola, Inc
MMSZ5247BT1 MOTOROLA-MMSZ5247BT1 Datasheet
100Kb / 7P
   Surface Mount Silicon Zener Diodes
logo
ON Semiconductor
MMSZ5247BT1 ONSEMI-MMSZ5247BT1 Datasheet
76Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 7
MMSZ5247BT1G ONSEMI-MMSZ5247BT1G Datasheet
75Kb / 6P
   Zener Voltage Regulators
January, 2005 ??Rev. 5
MMSZ5247BT1G ONSEMI-MMSZ5247BT1G Datasheet
76Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 7
More results

Similar Description - MMSZ5247B_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com