Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82545350 Datasheet(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 82545350
Description  HIGH SURGE 1812 SMD VARISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

82545350 Datasheet(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  82545350 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 82545350 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 82545350 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 82545350 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 82545350 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Artikelnummer / part number :
82.545.350
Bezeichnung :
description :
HIGH SURGE 1812 SMD VARISTOR
SMD size:
1812
BASIC TEST
Characteristics
ENVIRONMENTAL RELIABILITY TEST
High Temperature Storage
Step
Temperature
Period
1
-40±3℃
30Min±3
2
Room
Temperature
1~2 hours
3
85±2℃
30Min±3
4
Room
Temperature
1~2 hours
Freigabe erteilt /
Kunde / customer
general release:
Datum / date
Unterschrift / signature
JP. PENLOU
High Temperature Load
06-07-31
Würth Elektronik
JP. PENLOU
New P/N
06-06-02
JP. PENLOU
Operating temp. Range
05-11-30
JP. PENLOU
Lead free soldering
05-11-04
Geprüft / checked
2006-06-02
Kontrolliert / approved
JP. Penlou
Name
Änderung / modification
Datum / date
Kunde / customer :
http://www.we-online.com
E Testbedingungen / test conditions :
Test Method/Description
Environmental condition under which every measuring is done without doubt on the measuring results.
Unless specially specified, temperature, relative humidity are 5 to 35℃, 45 to 85﹪RH.
Standard Test Condition
Maximum steady-state DC operating voltage the device can maintain and typical leakage current at 25℃
not exceed 50 µA.
Max. Clamping Voltage
The shift of TVS voltage after suffering the specified surge current.
Surge Shift △V/V
Characteristic
Varistor Voltage
Typical leakage current at 25℃<50µA
Leakage Current
Surge Current
Device Capacitance measured with zero voltage bias 0.5VRMS and 1KHZ
Maximum peak voltage across the TVS measured at a specified pulse current(A)and waveform 8/20µs.
The temperature cycle of specified temperature shall be repeated five times and then stored at room
temperature and humidity for one or two hours. the change of varistor voltage shall be within 10
﹪and
mechanical damage shall be examined.
Temperature Cycle
Maximum energy which may be dissipated with a specified waveform 10/1000µs.without device failure.
Energy Absorption
Spezifikation für Freigabe / specification for release
Maximum peak current which may be applied with the specified waveform 8/20µs without device failure.
Max. Working Voltage
With the specified measuring current of 1mA DC applied.
Typical Capacitance
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Test method and description
The specimen shall be subjected to 150 ± 2℃ for 1000 ± 12 hours in a thermostatic bath without load and
then stored at room temperature and humidity for 1 to 2 hours. The change of varistor voltage shall be
within 10 ﹪.
Low Temperature Storage
After being continuously applied the maximum allowable voltage at 85 ± 2℃ for 1000± 2 hours, the
specimen shall be stored at room temperature and humidity for one or two hours, the change of varistor
voltage shall be within 10﹪.
The specimen should be subjected to 40 ± 2℃, 90 to 95 ﹪RH environment , and the maximum allowable
voltage applied for 1000 hours, then stored at room temperature and humidity for one or two hours. the
change of varistor voltage shall be within 10﹪
The specimen should be subjected to 40 ± 2℃, without load for 1000 hours and then stored at room
temperature for one or two hours. the change of varistor voltage shall be within 10 ﹪
High Temperature Load
Damp Heat Load/Humidity Load
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
PAGE/SEITE 5 - TO/VON 5


Similar Part No. - 82545350

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82545EM INTEL-82545EM Datasheet
774Kb / 28P
   Gigabit Ethernet Controller
June 6, 2006
82545GM INTEL-82545GM Datasheet
74Kb / 2P
   Intel짰 82545GM Gigabit Ethernet Controller
More results

Similar Description - 82545350

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
82535250 WURTH-82535250 Datasheet
318Kb / 5P
   HIGH SURGE 1812 SMD VARISTOR
82535300 WURTH-82535300 Datasheet
313Kb / 5P
   HIGH SURGE 1812 SMD VARISTOR
82555140 WURTH-82555140 Datasheet
165Kb / 5P
   1812 SMD VARISTOR
logo
Vishay Siliconix
MLV1812E3 VISHAY-MLV1812E3_V01 Datasheet
68Kb / 3P
   SMD 1812 Multilayer Varistor
01-Jan-2022
logo
Wurth Elektronik GmbH &...
82541110 WURTH-82541110 Datasheet
165Kb / 5P
   HIGH SURGE 1206 SMD VARISTOR
82542140 WURTH-82542140 Datasheet
165Kb / 5P
   HIGH SURGE 2220 SMD VARISTOR
82543140 WURTH-82543140 Datasheet
165Kb / 5P
   HIGH SURGE 1210 SMD VARISTOR
82532300 WURTH-82532300 Datasheet
313Kb / 5P
   HIGH SURGE 2220 SMD VARISTOR
82533300 WURTH-82533300 Datasheet
313Kb / 5P
   HIGH SURGE 1210 SMD VARISTOR
82543250 WURTH-82543250 Datasheet
165Kb / 5P
   HIGH SURGE 1210 SMD VARISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com