Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD01127 Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # SD01127
Description  POWER SNAP SURFACE MOUNT 40 AMPS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

SD01127 Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  SD01127 Datasheet HTML 1Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7.37
.290
.020 .51
.250 6.35
.218 5.54
4X .078 1.98
OVER COPPER FLASH PER ASTM B734 (RoHS)
NOTES: UNLESS OTHERWISE SPECIFIED
1. MATERIAL SPECIFICATIONS:
BODY: BRASS PER ASTM B16
RETAINING RING: COPPER ALLOY
2. FINISH SPECIFICATIONS:
BODY: .000030 MIN GOLD PER ASTM B488 OVER
.000080 MIN NICKEL PER AMS-QQN-290 (RoHS)
RETAINING RING: .000100 MIN NICKEL PER AMS-QQ-N-290
CATALOG P/N: 01127
ISOMETRIC VIEW
SCALE: 4:1
A
REVISED PER
ER7306
40 AMPS
REV
SD01127
SURFACE MOUNT
POWER SNAP
.XXXX [X.XXX] ± .XXXX
N
1 N
SHT
ronics
t
lec
Wallingford, Connecticut 06492
62 Barnes Industrial Road North
DATE APPD
DESCRIPTION
REV
XX/XX/XX
XXX
DATE
APPROVED
XX/XX/XX
XXX
DATE
APPROVED
06/10/99
JD
DATE
APPROVED
06/10/99
EJW
DATE
DRAWN
BY
DRAWING
CUSTOMER
Winchester Electronics Corporation
E
er
t
inches
W
ANGLES: ± 2°
SCALE: 8:1
OF
1
PER ASME Y14.5M-1994
UNLESS OTHERWISE SPECIFIED:
DIMENSIONS ARE IN INCHES [MM]
TOLERANCES:
DECIMAL: .XX [X.X] ± .01 [0.3]
.XXX [X.XX] ± .005 [0.13]
RECOMMENDED PAD LAYOUT
.228
TYP
5.79
.068
TYP
1.73


Similar Part No. - SD01127

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD01131 WINCHESTER-SD01131 Datasheet
159Kb / 1P
   RIGHT ANGLE SOLDER MOUNT POWERSNAP
More results

Similar Description - SD01127

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD01333 WINCHESTER-SD01333 Datasheet
73Kb / 1P
   POWER SNAP SURFACE MOUNT 40 AMPS
01333 WINCHESTER-01333 Datasheet
73Kb / 1P
   POWER SNAP SURFACE MOUNT 40 AMPS
01347 WINCHESTER-01347 Datasheet
72Kb / 1P
   POWER SNAP SURFACE MOUNT TAPE AND REELED 40 AMP
SD01347 WINCHESTER-SD01347 Datasheet
72Kb / 1P
   POWER SNAP SURFACE MOUNT TAPE AND REELED 40 AMP
logo
Taiwan Semiconductor Co...
MUR305S TSC-MUR305S_13 Datasheet
263Kb / 4P
   3.0 AMPS. Surface Mount Ultrafast Power Rectifiers
logo
Astec America, Inc
ALQ40 ASTEC-ALQ40 Datasheet
97Kb / 2P
   40 Amps
logo
Yangzhou yangjie electr...
S2A YANGJIE-S2A Datasheet
696Kb / 2P
   1.5 AMPS. SURFACE MOUNT RECTIFIERS
S3A YANGJIE-S3A Datasheet
703Kb / 2P
   3.0 AMPS. SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
S4A TSC-S4A_11 Datasheet
192Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
S5A TSC-S5A_12 Datasheet
192Kb / 2P
   5.0 AMPS. Surface Mount Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com