Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLD1133VL Datasheet(PDF) 2 Page - Sony Corporation

Part # SLD1133VL
Description  650nm Index-Guided Red Laser Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD1133VL Datasheet(HTML) 2 Page - Sony Corporation

  SLD1133VL Datasheet HTML 1Page - Sony Corporation SLD1133VL Datasheet HTML 2Page - Sony Corporation SLD1133VL Datasheet HTML 3Page - Sony Corporation SLD1133VL Datasheet HTML 4Page - Sony Corporation SLD1133VL Datasheet HTML 5Page - Sony Corporation SLD1133VL Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
– 2 –
SLD1133VL
Electrical and Optical Characteristics (Tc = 25°C)
Tc: Case temperature
Item
Threshold current
Operating current
Operating voltage
Wavelength
Radiation
angle
Positional
accuracy
Differential efficiency
Astigmatism
Monitor current
Ith
Iop
Vop
λ
θ⊥
θ//
∆X, ∆Y, ∆Z
∆φ//
∆φ⊥
ηD
As
Imon
Po = 5mW
Po = 5mW
Po = 5mW
Po = 5mW
Po = 5mW
Po = 5mW
Po = 5mW
Po = 5mW, VR = 5V
640
24
6
0.15
0.05
50
60
2.3
650
30
8
0.4
7
0.1
65
70
2.8
660
40
12
±80
±2
±3
0.7
15
0.3
mA
mA
V
nm
degree
degree
µm
degree
degree
mW/mA
µm
mA
Symbol
Conditions
Min.
Typ.
Max.
Unit
Perpendicular
Parallel
Position
Angle
Handling Precautions
(1) Eye protection against laser beams
The optical output of laser diodes ranges from
several mW to 4W. However the optical power
density of the laser beam at the diode chip
reaches 1MW/cm2. Unlike gas lasers, since
laser diode beams are divergent, uncollimated
laser diode beams are fairly safe at a laser
diode. For observing laser beams, ALWAYS
use safety goggles that block infrared rays.
Usage
of
IR
scopes,
IR
cameras
and
fluorescent plates is also recommended for
monitoring laser beams safely.
Safety goggles for
protection from laser beam
IR fluorescent plate
Optical
material
Lens
Laser diode
Optical board
Optical power output control device
Temperature control device
(2) Prevention of surge current and electrostatic discharge
Laser diode is most sensitive to electrostatic discharge among semiconductors. When a large current is
passed through the laser diode even for an extremely short time (in the order of nanosecond), the strong light
emitted from the laser diode promotes deterioration and then laser diodes are destroyed. Therefore, note that
the surge current should not flow the laser diode driving circuit from switches and others. Also, if the laser
diode is handled carelessly, it may be destructed instantly because electrostatic discharge is easily applied by
a human body. Be great careful about excess current and electrostatic discharge.


Similar Part No. - SLD1133VL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD1133VL-53 SONY-SLD1133VL-53 Datasheet
91Kb / 6P
   650nm Index-Guided Red Laser Diode
More results

Similar Description - SLD1133VL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD1133VL-53 SONY-SLD1133VL-53 Datasheet
91Kb / 6P
   650nm Index-Guided Red Laser Diode
SLD1137VS SONY-SLD1137VS Datasheet
67Kb / 6P
   650nm Index-Guided Red Laser Diode
SLD1133VS SONY-SLD1133VS Datasheet
91Kb / 6P
   650nm Index-Guided Red Laser Diode
SLD1135VS SONY-SLD1135VS Datasheet
60Kb / 3P
   650nm Index-Guided Red Laser Diode
SLD1131VS SONY-SLD1131VS Datasheet
81Kb / 6P
   Index-Guided Red Laser Diode
logo
Sanyo Semicon Device
DL-3038-033 SANYO-DL-3038-033 Datasheet
80Kb / 3P
   Index Guided AlGalnP Laser Diode?
DL-3149-070 SANYO-DL-3149-070 Datasheet
76Kb / 3P
   Index Guided AlGalnP Laser Diode?
DL-3038-011 SANYO-DL-3038-011 Datasheet
77Kb / 3P
   Index Guided AlGalnP Laser Diode
DL-3038-041 SANYO-DL-3038-041 Datasheet
80Kb / 3P
   Index Guided AlGalnP Laser Diode?
logo
Sony Corporation
SLD114VS SONY-SLD114VS Datasheet
94Kb / 6P
   Index-Guided AlGaAs Laser Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com