Electronic Components Datasheet Search |
|
349-1052-003 Datasheet(PDF) 6 Page - ITT Industries |
|
349-1052-003 Datasheet(HTML) 6 Page - ITT Industries |
6 / 120 page ARINC 600 BKAD/E/F How to Order (continued) 6 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change CONNECTOR LAYOUT DESCRIPTION NOTE. ANY OTHER COMBINATION OF INSERTS WITHIN A SPECIFIC SHELL IS AVAILABLE UPON REQUEST POLARIZING POSITION MODIFIER (Contact, Finish, Material) 01 thru 216 (per ARINC 600) Blank-Polarizing posts or keys not installed but supplied with connector Blank - SC - WC - WD - SD - WA - WB - Rear release, crimp, signal and power contacts supplied with connector (when applicable) Contacts not supplied with connector (FO not stamped on connector) Less contacts and waveguide (FOO not stamped on connector) Front release .025(0.63) D. x .150 (3.81) solder post and crimp, rear re- lease power contacts (when applica- ble) supplied with connector Front release .025(0.63) D. x .250 (6.35) solder post and crimp, rear re- lease power contacts (when applica- ble) supplied with connector Front release .025(0.63) D. x .375 (9.53) solder post and crimp, rear re- lease power contacts (when applica- ble) supplied with connector Front release .025(0.63) D. x .500 (12.7) solder post and crimp, rear re- lease power contacts (when applica- ble) supplied with connector Front release .025(0.63) Sq. x .250 (6.35) (1 wrap) wrap post and crimp, rear release power contacts (when ap- plicable) supplied with connector Front release .025(0.63 Sq. x .375 (9.53) (2 wraps) wrap post and crimp, rear relase power contacts (when ap- plicable) supplied with connector Front release .025(0.63) Sq. x 500 (12.7) (3 wraps) wrap post and crimp, rear release power contacts (when ap- plicable) supplied with connector Front release .025 (0.64) Sq. x 641 (16.28) (3 wraps) wrap post and crimp, rear release power contacts (when applicable) supplied with con- nector NOTE: COAXIAL CONTACTS TO BE ORDERED SEPARATELY FO - FOO - SA - SB - Layout included in the following ARINC configurations 702, 710, 711, 712, 714, 715, 716, 723. Layout included in the following ARINC configurations 707, 718 & 730. Layout included in the following ARINC configurations 701, 702, 703, 704, 705, 706, 724, 725. Layout included in the following ARINC configurations 701, 717, 726, 729. Connector Layout Shell Size Shell Size Shell Cavity Identification Shell Cavity Identification Ref. ARINC Characteristic Ref. ARINC Characteristic Connector Layout Note: All layouts with "OPEN' insert cavity are not supplied with an insulator. If a Blank insert is required please consult factory. Three Digit Number Contained within the Shell Layout Indicates Total Number of Contacts Available (including Waveguide) A B C D E FA B C D E F 1 1 1 1 1 1 1 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 -005 -060 A060 -065 A065 -120 -125 -013 -017 -071 A071 -085 A085 86M -093 -100 -137 -T141 -142 -155 155M V155M 158M -A158M -163 A163 -164 A164 165M -A165M -167 173M OPEN OPEN 60 OPEN 60 60 60 OPEN 2W2 OPEN 71W1 Waveguide 71W1 2W2 4W4 OPEN 121 120T2 71W1 71W1 71W1A 71W1B 2W2 2W2 OPEN 150 150 Waveguide 150 2W2 4W4 2W2 OPEN 60 OPEN 60 Open 60 60 OPEN 2W2 71W1 OPEN 71W1 Waveguide 71W1A 4W4 OPEN 10T10 10T10 71W1 71W1 71W1A 71W1A 71W1A 71W1B 150 OPEN Waveguide 150 2W2 150 150 71W1B 5W2 OPEN OPEN 5W2 5W2 OPEN 5W2 13W2 13W2 OPEN OPEN 13W2 13W2 13W2 85 100 6T6 13W2 OPEN 13W2 13W2 13W2 85 85 13W2 13W2 13W2 13W2 13W2 13W2 13W2 100 -T173 234 A234 -246 -248 250 250A -251 -300 -306 -313 -370 -400 -021 -026 -113 -A113 -114 -284 -310 -330M -A330M -496 -600 -626 -713 A713 -734 -764 -800 -269M 271C 271M -326 2 2 2 2 2 2 2 2 2 2 2 2 2 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 150 150 71W1 120T2 121 OPEN 150 Waveguide 150 150 150 150 150 4W4 OPEN OPEN OPEN 4W4 71W1 71W1 2W1 150 121 150 150 150 150 150 150 150 2W2 4W4 2W2 OPEN 10T10 71W1 150 120T2 121 150 BLANK 150 150 150 150 120T2 150 4W4 OPEN OPEN OPEN 4W4 71W1 71W1 2W2 150 121 150 150 150 150 150 150 150 2W2 4W4 2W2 150 13W2 13W2 13W2 6T6 6T6 100 100 100 OPEN 6T6 13W2 100 100 13W2 13W2 100 13W2 13W2 OPEN 13W2 13W2 13W2 6T6 OPEN 13W2 100 13W2 100 64 100 13W2 13W2 13W2 13W2 BLANK OPEN OPEN OPEN 4W4 71W1 71W1 150 2W2 121 150 150 150 150 150 150 150 2W2 BLANK 4W4 OPEN OPEN OPEN OPEN OPEN 4W4 71W1 71W1 150 2W2 121 150 150 150 150 150 150 150 150 150 150 150 OPEN 13W2 13W2 100 85 OPEN 13W2 13W2 13W2 6T6 OPEN 13W2 13W2 100 3W 100 100 100 100 100 13W2 732 708 709 727 |
Similar Part No. - 349-1052-003 |
|
Similar Description - 349-1052-003 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |