Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8206M Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT8206M
Description  High Efficiency, Main Power Supply Controller for Notebook Computers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8206M Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT8206M Datasheet HTML 2Page - Richtek Technology Corporation RT8206M Datasheet HTML 3Page - Richtek Technology Corporation RT8206M Datasheet HTML 4Page - Richtek Technology Corporation RT8206M Datasheet HTML 5Page - Richtek Technology Corporation RT8206M Datasheet HTML 6Page - Richtek Technology Corporation RT8206M Datasheet HTML 7Page - Richtek Technology Corporation RT8206M Datasheet HTML 8Page - Richtek Technology Corporation RT8206M Datasheet HTML 9Page - Richtek Technology Corporation RT8206M Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
RT8206L/M
6
DS8206L/M-07 June 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
REF (Pin 1)
2V Reference Output. Bypass to GND with a 0.22
μF
capacitor. REF can source up to 50
μA for external loads.
Loading REF degrades FBx and output accuracy according
to the REF load-regulation error.
TON (Pin 2)
Frequency Select Input. (VOUT1/VOUT2 switching
frequency, respectively) :
TON = VCC, (200kHz / 300kHz)
TON = REF, (300kHz / 400kHz)
TON = GND, (400kHz / 500kHz)
VCC (Pin 3)
Analog Supply Voltage Input for the PWM Core. Bypass
to GND with a 1
μF ceramic capacitor
ENLDO (Pin 4)
LDO Enable Input. REF and LDO are enabled if ENLDO
is within logic high level and disabled if ENLDO is less
than the logic low level.
NC (Pin 5, 8)
No Internal Connection.
VIN (Pin 6)
Power Supply Input. VIN is used for the constant on-time
PWM one shot circuits. VIN is also used to power the
linear regulators. The linear regulators are powered by
SMPS1 if VOUT1 is set greater than 4.66V and BYP is
tied to VOUT1. Connect VIN to the battery input and
bypass with a 1
μF capacitor.
LDO (Pin 7)
Linear-Regulator Output. LDO can provide a total of 70mA
external loads. The LDO regulates a fixed 5V output. When
the BYP is within 5V switchover threshold, the internal
regulator shuts down and the LDO output pin connects to
BYP through a 1.5
Ω switch. Bypass LDO output with a
minimum of 4.7
μF ceramic.
BYP (Pin 9)
Switchover Source Voltage Input for LDO.
VOUT1 (Pin 10)
SMPS1 Output Voltage Sense Input. Connect this pin to
the SMPS1 output. VOUT1 is an input to the constant
on-time-PWM one-shot circuit. It also serves as the
SMPS1 feedback input in fixed-voltage mode.
FB1 (Pin 11)
SMPS1 Feedback Input. Connect FB1 to VCC or GND for
fixed 5V operation. Connect FB1 to a resistive voltage-
divider from VOUT1 to GND to adjust output from 2V to
5.5V.
ILIM1 (Pin 12)
SMPS1 Current Limit Adjustment. The GND
− PHASE1
current-limit threshold is 1/10th the voltage seen at ILIM1
over a 0.5V to 2.5V range. There is an internal 5
μAcurrent
source from VCC to ILIM1. The logic current limit threshold
defaults to 100mV if ILIM1 is higher than (VCC
− 1V).
PGOOD1 (Pin 13)
SMPS1 Power Good Open-Drain Output. PGOOD1 is low
when the SMPS1 output voltage is more than 10% below
the normal regulation point or during soft-start. PGOOD1
is in high impedance when the output is in regulation and
the soft-start circuit has terminated. PGOOD1 is low in
shutdown.
EN1 (Pin 14)
SMPS1 Enable Input. The SMPS1 will be enabled if EN1
is greater than the logic high level and disabled if EN1 is
less than the logic low level. If EN1 is connected to REF,
SMPS1 starts after SMPS2 reaches regulation (delay
start). Drive EN1 below 0.8V to clear fault level and reset
the fault latches.
UGATE1 (Pin 15)
High Side MOSFET Floating Gate-Driver Output for
SMPS1. UGATE1 swings between PHASE1 and BOOT1.


Similar Part No. - RT8206M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
   High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206AGQW RICHTEK-RT8206AGQW Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
More results

Similar Description - RT8206M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
   High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206BGQW RICHTEK-RT8206BGQW Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com