Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8223A Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT8223A
Description  High Efficiency, Main Power Supply Controller for Notebook Computers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8223A Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8223A Datasheet HTML 7Page - Richtek Technology Corporation RT8223A Datasheet HTML 8Page - Richtek Technology Corporation RT8223A Datasheet HTML 9Page - Richtek Technology Corporation RT8223A Datasheet HTML 10Page - Richtek Technology Corporation RT8223A Datasheet HTML 11Page - Richtek Technology Corporation RT8223A Datasheet HTML 12Page - Richtek Technology Corporation RT8223A Datasheet HTML 13Page - Richtek Technology Corporation RT8223A Datasheet HTML 14Page - Richtek Technology Corporation RT8223A Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
RT8223A/B
11
DS8223A/B-04 April 2011
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Logic Input
Low Level (Internal Fixed VOUTx)
--
--
0.2
FB1/FB2 Input Voltage
High Level (Internal Fixed VOUTx)
4.5
--
--
V
Low Level (DEM Mode)
--
--
0.8
REF Level (PWM Mode)
1.8
--
2.3
SKIPSEL Input Voltage
High Level (Ultrasonic Mode)
2.7
--
--
V
Low Level (SMPSs Off)
--
--
0.35
On Level (SMPSs On)
0.5
--
2
ENTRIPx Input Voltage
VENTRIPx
High Level (SMPSs Off)
4.5
--
--
V
Shutdown
--
--
0.4
Enable
2.4
--
--
EN Voltage
VEN
Open
2.4
3.3
4.2
V
VEN = 0.2V (Source)
1
3
5
EN Current
IEN
VEN = 3.3V (Sink)
--
3
8
μA
Shutdown
--
--
0.6
ENC Threshold Voltage
(RT8223B)
VENC
Enable
2
--
--
V
VOUT1/VOUT2 = 200kHz/250kHz
--
--
0.8
VOUT1/VOUT2 = 300kHz/375kHz
1.8
--
2.3
TONSEL Setting Voltage
VOUT1/VOUT2 = 400kHz/500kHz
2.7
--
--
V
TONSEL, SKIPSEL = 0V or 5V
−1
--
1
Input Leakage Current
ENC = 0V or 5V (RT8223B)
−1
--
1
μA
Internal BOOT Switch
Internal Boost Charging
Switch On-Resistance
VREG5 to BOOTx
--
20
--
Ω
Power MOSFET Drivers
UGATEx, High state
--
3
6
UGATEx On-Resistance
UGATEx, Low state
--
1.5
4
LGATEx, High State
--
2.2
5
LGATEx On-Resistance
LGATEx, Low State
--
0.6
1.5
Ω
LGATEx Rising
--
30
--
Dead Time
UGATEx Rising
--
40
--
ns
Note 1. Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
θJA is measured in natural convection at TA = 25°C on a high effective thermal conductivity four-layer test board of
JEDEC 51-7 thermal measurement standard. The measurement case positions of
θJC are on the lead of the SOP
package and the expose pad for the SOP(Exposed Pad) package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Note 5. PVIN + PVREG5


Similar Part No. - RT8223A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8223L RICHTEK-RT8223L Datasheet
397Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223LGQW RICHTEK-RT8223LGQW Datasheet
397Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223LZQW RICHTEK-RT8223LZQW Datasheet
397Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223MGQW RICHTEK-RT8223MGQW Datasheet
397Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223MZQW RICHTEK-RT8223MZQW Datasheet
397Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computer
More results

Similar Description - RT8223A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8206L RICHTEK-RT8206L Datasheet
469Kb / 27P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
   High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206BGQW RICHTEK-RT8206BGQW Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com