Electronic Components Datasheet Search |
|
349-1044-000 Datasheet(PDF) 5 Page - ITT Industries |
|
349-1044-000 Datasheet(HTML) 5 Page - ITT Industries |
5 / 19 page Plug 260 (6 60)* 250 (6 35) .070 (1.78)* .050 (1.27) 5.355 (136.02) 5.345 (135.76) 135 (3.43)* 115 (2.92) A 6 995 MAX (177.67) 6.500 MAX (165.10) .620 MIN (15.75) .130 (3.30) .120 (3.05) BKAE SERIES 1.402 (35.61) MAX BKAD SERIES 1.102 (27.99) MAX BKAD SERIES 1.198 (30.43) MAX 2.135 (54.23) 2.125 (53.98) 6.645 (168.78) 6.629 (168.38) 6.360 (161.54) 6.340 (161.04) 1.810 (45.97) 1.790 (45.47) 1.431 (36.35) 1.421 (36.09) .655 (16.64) .645 (16.38) 653 (16.59) 647 (16.43) 191 (4.85) 189 (4.80) 3PL 030 (.76) R MAX 4 PL 030 R (.76) MAX 4 PL 6.353 (161.37) 6.347 161.21 120 R (3.05) MAX 4 PL 385 (9.78) 375 (9.52) 250 MAX (6.35) .608 MAX (15.44) 6.890 (175.01) MIN 6.515 MIN (165.48) 1.429 (36.30) 1.423 (36.14) 1.850 MIN (46.99) .180 (4.57) 166 (4.22) 8 PL .148 +_ 003 (3.76 +_ 0.08) DIA 10 PLCS MTG HOLES B A C 188(4.78) 184(4.67) BKAE SERIES 11550 (39.37) MAX 1.195 MAX (30.35) 3 770 (95.76) 3 760 (95.50) 2 004 (50.90) 1 994 (50.65) 1 258 (31.95) 1 248 (31.70) 168 (4.27) 158 (4.01) .865 (21.97) .855 (21.72) 1 415 (35.94) 1 405 (35.69) 260 (6.60)* 250 (6.35) 6.975 MAX (177.16) BKAE SERIES 1.531 (38.89) MAX BKAD/BKAF SERIES 1.221 (31.01)MAX 130 (3.30 .120 (3.05) BKAD/BKAF SERIES 1.317 (33.45) 2.135 (54.23) 2.125 (53.98) A B C .188 (4.78) .184 (4.67) 6.627 (168.33) 6.607 (167.82) 6.360 (161.54 6.340 (161.04 2.780 (70.61) MAX 2.200 (55.88) MIN .365 (9.27) .355 (9.02) .240 MAX (6.10) .653 (16.59) .647 (16.43) 2 PLC .287 R (7.29) MAX 8 PL .120 R (3.05) MAX 4 PL 2.133 (54.18) 2.127 (54.03) 6.870 (174.50) MIN .260 (6.60) .230 (5.84) 2 PL .180 (4.57) .166 (4.22) 10 PL 1.429 (36.30) 1.423 (36.14) 3 PL 030 R (76) MAX 2 PL 240 (6.10) MAX 6.353 (161.37) 6.347 (161.21) D 1.530 (38.86) MIN 191 (4.85) 189 (4.80) 2 PL 1.810 (45.97) 1.790 (45.47) 1.431 (36.35) 1.421 (36.09) .655 (16.64) .645 (16.38) .148 .003 (3.76 +_ 0.08) DIA. 10 PLCS MTG HOLES BKAE SERIES 1.670 (42.42) .070 (1.78)* .050 (1.27) 5.335 (136.02) 5.345 (135.76) .135 (3.43)* .115 (2.92) 3.770 (95.76) 3.760 (95.50) 2.004 (50.90) 1.994 (50.65) 1.258 (31.95) 1.248 (31.70) .865 (21.97) .855 (21.72) .168 (4.27) .158 (4.01) 1.415 (35.94) 1.405 (35.69) Retainer Plate *This dimension indicates distance from centerline of retaining screw to the centerline of first contact cavity. For further information, refer to ARINC 600 specification or consult factory. Size 2 Receptacle Panel Cutout C B A Retainer Plate Size 2 Plug Panel Cutout Receptacle For further information, refer to ARINC 600 specification or consult factory. * This dimension indicates distance from centerline of retaining screw to the centerline of first contact cavity. B C D ARINC 600 BKAD/E/F Shell Dimensions- Size 2 8 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change |
Similar Part No. - 349-1044-000 |
|
Similar Description - 349-1044-000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |