Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8567A Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8567A
Description  6-CH 43V Constant Current LED Driver with PWM Dimming Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8567A Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8567A Datasheet HTML 1Page - Richtek Technology Corporation RT8567A Datasheet HTML 2Page - Richtek Technology Corporation RT8567A Datasheet HTML 3Page - Richtek Technology Corporation RT8567A Datasheet HTML 4Page - Richtek Technology Corporation RT8567A Datasheet HTML 5Page - Richtek Technology Corporation RT8567A Datasheet HTML 6Page - Richtek Technology Corporation RT8567A Datasheet HTML 7Page - Richtek Technology Corporation RT8567A Datasheet HTML 8Page - Richtek Technology Corporation RT8567A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
RT8567A
www.richtek.com
DS8567A-00 April 2012
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
WQFN-20L 3x3
(TOP VIEW)
Marking Information
0R= : Product Code
YMDNN : Date Code
ISET
RT
VDC
EN
PGND
OVP
CH1
NC
15
14
13
12
17
18
19
20
1
2
3
4
9
8
7
6
AGND
21
11
5
16
NC
CH2
10
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
VDC
Internal Regulator Voltage. Connect a capacitor to ground.
2
EN
Chip Enable (Active High). Note that this pin is high impedance. There should
be a pull low 100k
Ω resistor connected to AGND when the control signal is
floating.
3
RT
Frequency Setting. Connect a resistor between this pin and ground to set the
switching frequency of the boost converter.
4
ISET
LED Current Setting. LED current is set by the value of the resistor RISET
connected from the ISET pin to ground. Do not short the ISET pin to ground.
VISET is typical 1V.
5, 13, 17
NC
No Internal Connection.
6, 7, 8,
CH6 to CH4
Current Sink Regulation Input. This pin should be connected to the cathode
of LEDs if used. Otherwise, it should be connected to ground.
9, 21 (Exposed Pad) AGND
Analog Ground of LED Driver. The exposed pad must be soldered to a large
PCB and connected to AGND for maximum power dissipation.
10,11,12
CH3 to CH1
Current Sink Regulation Input. This pin should be connected to the cathode
of LEDs if used. Otherwise, it should be connected to ground.
14
OVP
Over Voltage Protection for Boost Converter. The detecting threshold is 1.2V.
15
PGND
Power Ground of Boost Converter.
16
LX
Switching Node for Boost Converter.
18
COMP
Compensation Pin for Error Amplifier. Connect a compensation network to
ground.
19
VIN
Power Supply Input.
20
PWM
PWM Dimming Control Input.
Package Type
QW : WQFN-20L 3x3 (W-Type)
RT8567A
Lead Plating System
G : Green (Halogen Free and Pb Free)
0R=YM
DNN


Similar Part No. - RT8567A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8560 RICHTEK-RT8560 Datasheet
271Kb / 15P
   High Voltage 4 Channel LED Driver
More results

Similar Description - RT8567A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
   PWM dimming LED constant current driver
HM3343 HMSEMI-HM3343 Datasheet
1Mb / 10P
   PWM dimming LED constant current driver chip
logo
New Japan Radio
NJW4615 NJRC-NJW4615 Datasheet
62Kb / 3P
   Constant Current LED Driver with PWM Control
NJW4617 NJRC-NJW4617 Datasheet
155Kb / 4P
   Constant Current LED Driver with PWM Control
NJU6080 NJRC-NJU6080 Datasheet
154Kb / 8P
   CONSTANT CURRENT LED DRIVER with PWM CONTROL
NJW4616 NJRC-NJW4616 Datasheet
223Kb / 4P
   Constant Current LED Driver with PWM Control
logo
ON Semiconductor
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com