Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9712 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9712
Description  90m廓, 1A/1.5A High-Side Dual Power Switches with Flag
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9712 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9712 Datasheet HTML 1Page - Richtek Technology Corporation RT9712 Datasheet HTML 2Page - Richtek Technology Corporation RT9712 Datasheet HTML 3Page - Richtek Technology Corporation RT9712 Datasheet HTML 4Page - Richtek Technology Corporation RT9712 Datasheet HTML 5Page - Richtek Technology Corporation RT9712 Datasheet HTML 6Page - Richtek Technology Corporation RT9712 Datasheet HTML 7Page - Richtek Technology Corporation RT9712 Datasheet HTML 8Page - Richtek Technology Corporation RT9712 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT9712
®
DS9712-04 November 2012
www.richtek.com
1
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
90m
Ω
Ω
Ω
Ω
Ω, 1A/1.5A High-Side Dual Power Switches with Flag
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
SOP-8/MSOP-8
(TOP VIEW)
RT9712A/C
RT9712B/D
Features
90m
Ω
Ω
Ω
Ω
Ω N-MOSFET Switch
Operating Voltage Range : 2.7V to 5.5V
Reverse Blocking Current
Under Voltage Lockout
Deglitched Fault Report (FLGx)
Thermal Protection with Foldback
Over Current Protection
Short Circuit Protection
UL Approved
−−−−−E219878
Nemko Approved-NO49352
RoHS Compliant and Halogen Free
GND
VIN
VOUT2
VOUT1
EN1
EN2
2
3
4
5
8
7
6
FLG2
FLG1
GND
VIN
VOUT2
VOUT1
EN1
EN2
2
3
4
5
8
7
6
FLG2
FLG1
Applications
USB Peripherals
Notebook PCs
RT9712
Package Type
S : SOP-8
F : MSOP-8
Lead Plating System
G : Green (Halogen Free and Pb Free)
Output Current/ENx Function
A : 1.5A/Active High
B : 1.5A/Active Low
C : 1A/Active High
D : 1A/Active Low
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
General Description
The RT9712 power-distribution switches are designed to
fulfill the applications in heavy capacitive loads and short-
circuit situations. The device incorporates two 90m
Ω N-
MOSFET power switches to fit power distribution systems
requiring multiple power switches in a single package.
During switching process, an internal charge pump is
designed to provide the gate drive for the purpose of power-
switch rise times and fall times controlling to minimize
the current surges. The charge pump can operate in supply
voltage as low as 2.7V and needs no external
components.
If the output load exceeds the current-limit threshold or a
short-circuit occurs.The RT9712 series pull the overcurrent
(FLGx) logic output low by switching into the constant-
current mode to maintain the output current in a safe level,
A thermal protection circuit turns off the switch to prevent
the device from damage when power dissipation is
increased by continuous heavy overloads and short-circuits
in the switch and finally cause the rise of the junction
temperature. The device automatically recovers when it
has sufficiently cooled down. The RT9712A/B are designed
for the current limit at typically 2A and RT9712C/D are
designed for the current limit at typically 1.5A. Internal
circuitry controls the switch to remain off until valid input
voltage is presented.


Similar Part No. - RT9712

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711A RICHTEK-RT9711A Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711AGB RICHTEK-RT9711AGB Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711AGBG RICHTEK-RT9711AGBG Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711AGF RICHTEK-RT9711AGF Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
More results

Similar Description - RT9712

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM9711 UNIONSEMI-UM9711 Datasheet
474Kb / 10P
   90m(ohm), 1.5A High-Side Power Switches with Flag
logo
Richtek Technology Corp...
RT9715 RICHTEK-RT9715 Datasheet
338Kb / 15P
   90m廓, 2A/1.5A/1.1A/0.7A High-Side Power Switches with Flag
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711 RICHTEK-RT9711_11 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203_11 Datasheet
254Kb / 7P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
US204 UTC-US204 Datasheet
249Kb / 6P
   100m廓, 1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203 Datasheet
269Kb / 8P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711A RICHTEK-RT9711A Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
logo
AiT Semiconductor Inc.
A4772 AITSEMI-A4772 Datasheet
412Kb / 12P
   POWER SWITCHES WITH FLAG 80m廓, 2.1A/1.5A HIGH-SIDE
REV1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com