Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

143-1913-001 Datasheet(PDF) 1 Page - ITT Industries

Part # 143-1913-001
Description  Cannon Rack & Panel Connectors
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

143-1913-001 Datasheet(HTML) 1 Page - ITT Industries

  143-1913-001 Datasheet HTML 1Page - ITT Industries 143-1913-001 Datasheet HTML 2Page - ITT Industries 143-1913-001 Datasheet HTML 3Page - ITT Industries 143-1913-001 Datasheet HTML 4Page - ITT Industries 143-1913-001 Datasheet HTML 5Page - ITT Industries 143-1913-001 Datasheet HTML 6Page - ITT Industries 143-1913-001 Datasheet HTML 7Page - ITT Industries 143-1913-001 Datasheet HTML 8Page - ITT Industries 143-1913-001 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 120 page
background image
Cannon Rack & Panel Connectors
Customer
Support Locations
ASIA
Tuopandun Industrial Area, Jinda Cheng,
Xiner Village, Shajing Town,
Baoan District, Shenzhen City,
Guangdong, China 518125
Phone: 86.755.2726.7238
Fax:
86.755.2726.7515
GERMANY
Cannonstrasse 1
Weinstadt, 71384
phone: 49.7151.699.0
fax:
49.7151.699.217
ITALY
Corso Europa 41/43
Lainate (MI),
Italy 20020
phone: 39.02938721
fax:
39.0293872300
UK
Jays Close, Viables Estate
Basingstoke, RG22 4BA
phone: 44.1256.311200
fax:
44.1256.323356
USA
666 East Dyer Road
Santa Ana, CA 92705
toll free: 1.800.854.3028
phone: 1.714.557.4700
fax:
1.714.628.2142
www.ittcannon.com
©2007 ITT Corporation. “Engineered for life” and “Cannon” are registered trademarks of
ITT Corporation. Specification and other data are based on information available at the
time of printing, and are subject to change without notice.
CRP-sept 07
Cannon
Rack & Panel
Connectors
Electronic Components


Similar Part No. - 143-1913-001

ManufacturerPart #DatasheetDescription
logo
ITT Industries
143-1913-001 ITT-143-1913-001 Datasheet
688Kb / 19P
   ARINC 600
143-1913-001 ITT-143-1913-001 Datasheet
688Kb / 19P
   ARINC 600 BKAD/E/F
More results

Similar Description - 143-1913-001

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com