Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9002B Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9002B
Description  Dual Low Dropout Regulator with Detector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9002B Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9002B Datasheet HTML 1Page - Richtek Technology Corporation RT9002B Datasheet HTML 2Page - Richtek Technology Corporation RT9002B Datasheet HTML 3Page - Richtek Technology Corporation RT9002B Datasheet HTML 4Page - Richtek Technology Corporation RT9002B Datasheet HTML 5Page - Richtek Technology Corporation RT9002B Datasheet HTML 6Page - Richtek Technology Corporation RT9002B Datasheet HTML 7Page - Richtek Technology Corporation RT9002B Datasheet HTML 8Page - Richtek Technology Corporation RT9002B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RT9002A/B/C
2
DS9002ABC-04 April 2011
www.richtek.com
Function Block Diagram
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
VIN1
Channel 1 Supply Input.
2
VOUT1
Channel 1 Output Voltage.
3
Cd
Delay Capacitor.
4
VIN2
Channel 2 Supply Voltage.
5
VOUT2
Channel 2 Output Input.
6
VDOUT
Detector Output Voltage. (RT9002A = Active High, RT9002B and RT9002C = Active Low)
7
GND
Common Ground.
8
EN1
Chip Enable (Active High) for Channel 1.
EN1
Current-Limit
and
Thermal
Protection
MOS Driver
+
VOUT1
Shutdown
and
Logic Control
VIN1
Error
Amplifier
V
REF
Current-Limit
and
Thermal
Protection
MOS Driver
+
VOUT2
VIN2
Error
Amplifier
V
REF
GND
VD
Comparator
+
Cd
VDOUT


Similar Part No. - RT9002B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9002B-GS RICHTEK-RT9002B-GS Datasheet
200Kb / 11P
   Dual Low-Dropout Regulator with Detector
RT9002B-PS RICHTEK-RT9002B-PS Datasheet
200Kb / 11P
   Dual Low-Dropout Regulator with Detector
More results

Similar Description - RT9002B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9002A RICHTEK-RT9002A Datasheet
200Kb / 11P
   Dual Low-Dropout Regulator with Detector
logo
List of Unclassifed Man...
AIC1729 ETC1-AIC1729 Datasheet
482Kb / 8P
   400mA Low Dropout Linear Regulator with Voltage Detector Function
logo
Microsemi Corporation
SG29125 MICROSEMI-SG29125 Datasheet
41Kb / 4P
   LOW DROPOUT DUAL REGULATOR
logo
Toshiba Semiconductor
TAR8H05K TOSHIBA-TAR8H05K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8D03K TOSHIBA-TAR8D03K Datasheet
169Kb / 8P
   Dual Low-Dropout Regulator
TAR8D06K TOSHIBA-TAR8D06K Datasheet
162Kb / 7P
   Dual Low-Dropout Regulator
TAR8D01K TOSHIBA-TAR8D01K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8D08K TOSHIBA-TAR8D08K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8H03K TOSHIBA-TAR8H03K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
logo
ON Semiconductor
CS8135 ONSEMI-CS8135 Datasheet
88Kb / 8P
   Low Dropout Dual Regulator
December, 2001 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com