Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5725A Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5725A
Description  MAX5725A Evaluation Kit
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5725A Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5725A Datasheet HTML 1Page - Maxim Integrated Products MAX5725A Datasheet HTML 2Page - Maxim Integrated Products MAX5725A Datasheet HTML 3Page - Maxim Integrated Products MAX5725A Datasheet HTML 4Page - Maxim Integrated Products MAX5725A Datasheet HTML 5Page - Maxim Integrated Products MAX5725A Datasheet HTML 6Page - Maxim Integrated Products MAX5725A Datasheet HTML 7Page - Maxim Integrated Products MAX5725A Datasheet HTML 8Page - Maxim Integrated Products MAX5725A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX5725A evaluation kit (EV kit) demonstrates
the MAX5725A 12-bit, 8-channel, low-power DAC with
selectable internal references and buffered voltage out-
put. The IC is in a 20-pin TSSOP package. The EV kit
provides control to change the DAC’s outputs, power
operations, references, and watchdog time setting.
The IC features a watchdog function that can be enabled
to monitor the I/O interface for activity and integrity.
The EV kit includes a USB-to-SPI interface circuit. The
EV kit features Windows XPM-, Windows VistaM-, and
WindowsM 7-compatible software that provides a simple
graphical user interface (GUI) for exercising the IC’s
features.
The EV kit comes with the MAX5725AAUP+ installed,
which is the 12-bit SPI version. Contact the factory for
samples of the pin-compatible MAX5723AUP+ (8-bit),
MAX5724AUP+ (10-bit), and MAX5725BAUP+ (12-bit)
versions.
Features
S
Wide Input Supply Range: 2.7V to 5.5V
S
Independent Voltage for Digital I/O: 1.8V to 5.5V
S
Demonstrates 4.4µs (typ) Settling Time of
Buffered Output
S
Precision Selectable Internal References
Supporting 2.048V, 2.500V, and 4.096V
S
Demonstrates User-Supplied External Reference
S
Three Selectable Output Impedance (Termination)
in Power-Down Mode
1kI, 100kI, or High Impedance
S
Power-Up Reset to Midscale or Zero
S
Supports Entire Family of Octal SPI/I2C DACs
S
Windows XP-, Windows Vista-, and
Windows 7-Compatible Software
S
USB-Powered (Cable Included)
S
Demonstrates Configurable Interface Watchdog
Timer
S
Fully Assembled and Tested with Proven PCB
Layout
_________________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
MAX5725A Evaluation Kit
Evaluates: MAX5723/MAX5724/
MAX5725A/MAX5725B
19-6305; Rev 0; 5/12
Ordering Information appears at end of data sheet.
Windows, Windows XP, and Windows Vista are registered
trademarks of Microsoft Corp.
Figure 1. MAX5725A EV Kit


Similar Part No. - MAX5725A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5725AAUP++ MAXIM-MAX5725AAUP+ Datasheet
4Mb / 35P
   Ultra-Small, Octal-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 3/12
MAX5725AWP+T MAXIM-MAX5725AWP+T Datasheet
4Mb / 35P
   Ultra-Small, Octal-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 3/12
More results

Similar Description - MAX5725A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com