Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD6816CX4-18H Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LD6816CX4-18H
Description  DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LD6816CX4-18H Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LD6816CX4-18H Datasheet HTML 4Page - NXP Semiconductors LD6816CX4-18H Datasheet HTML 5Page - NXP Semiconductors LD6816CX4-18H Datasheet HTML 6Page - NXP Semiconductors LD6816CX4-18H Datasheet HTML 7Page - NXP Semiconductors LD6816CX4-18H Datasheet HTML 8Page - NXP Semiconductors LD6816CX4-18H Datasheet HTML 9Page - NXP Semiconductors LD6816CX4-18H Datasheet HTML 10Page - NXP Semiconductors LD6816CX4-18H Datasheet HTML 11Page - NXP Semiconductors LD6816CX4-18H Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
Standard linear brochure
LDOs in ultra-small WLCSP package
State-of-the-art wafer-level chip scale technology
Dimensions of only 0.76 x 0.76 x 0.47 mm
High power dissipation of 770 mW
Package
WLCSP4
Size (mm)
0.76 × 0.76 × 0.47
P
tot @°C (mW)
770
V
IN
(V)
I
OUT
typ
(mA)
Quiescent
current
(μA)
V
do drop @
150 mA typ
(mV)
Output
noise typ
(μVrms)
PSRR @
1 kHz dB
Output
voltage
V*
LD6816CX4/xxH
high-ohmic
output stage
LD6816CX4/xxP
pull-down
output stage
2.3 - 5.5
150
70
45
30
55
1.2
LD6816CX4/12H
LD6816CX4/12P
1.3
LD6816CX4/13H
LD6816CX4/13P
1.4
LD6816CX4/14H
LD6816CX4/14P
1.5
LD6816CX4/15H
LD6816CX4/15P
1.6
LD6816CX4/16H
LD6816CX4/16P
1.8
LD6816CX4/18H
LD6816CX4/18P
2.0
LD6816CX4/20H
LD6816CX4/20P
2.1
LD6816CX4/21H
LD6816CX4/21P
2.2
LD6816CX4/22H
LD6816CX4/22P
2.3
LD6816CX4/23H
LD6816CX4/23P
2.5
LD6816CX4/25H
LD6816CX4/25P
2.7
LD6816CX4/27H
LD6816CX4/27P
2.8
LD6816CX4/28H
LD6816CX4/28P
2.9
LD6816CX4/29H
LD6816CX4/29P
3.0
LD6816CX4/30H
LD6816CX4/30P
3.3
LD6816CX4/33H
LD6816CX4/33P
3.6
LD6816CX4/36H
LD6816CX4/36P
* Other output voltages are available on request
Functional diagram: High-ohmic output
Functional diagram: Auto-discharge (pull-down)
LD6816 ultra low-dropout voltage regulators – 150 mA
Key features
` Ultra low-dropout voltage (45 mV @ 150 mA)
` Very low output noise (30 µVrms)
` Thermal shutdown protection and current limiter
Key benefits
` Very small WLCSP package
` Very low standby and supply current for battery-powered solutions
` No additional noise bypass capacitor needed
Key applications
` Mobile phones, PC tablets, DSCs (digital still cameras), video
cameras, game pads, notebooks, netbooks, ultrabooks
Remark: Version with high-ohmic output during disable (e.g. LD6816CX4/12H)
Remark: Version with auto-discharge during disable (e.g. LD6816CX4/12P)


Similar Part No. - LD6816CX4-18H

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD6801 LEADTREND-LD6801 Datasheet
894Kb / 11P
   LED Lighting Output Current Ripple Suppressor
LD6801GL LEADTREND-LD6801GL Datasheet
894Kb / 11P
   LED Lighting Output Current Ripple Suppressor
logo
NXP Semiconductors
LD6806 PHILIPS-LD6806 Datasheet
2Mb / 36P
   Ultra low-dropout regulator, low noise, 200 mA
Rev. 3-9 December 2011
LD6806CX4 PHILIPS-LD6806CX4 Datasheet
2Mb / 36P
   Ultra low-dropout regulator, low noise, 200 mA
Rev. 3-9 December 2011
LD6806F PHILIPS-LD6806F Datasheet
2Mb / 36P
   Ultra low-dropout regulator, low noise, 200 mA
Rev. 3-9 December 2011
More results

Similar Description - LD6816CX4-18H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK20P04M1 TOSHIBA-TK20P04M1 Datasheet
243Kb / 9P
   DC-DC Converters Switching Voltage Regulators
TPN1600ANH TOSHIBA-TPN1600ANH Datasheet
235Kb / 9P
   DC-DC Converters Switching Voltage Regulators Motor Drivers
TK70J04K3Z TOSHIBA-TK70J04K3Z Datasheet
244Kb / 9P
   Switching Voltage Regulators DC-DC Converters Motor Drivers
TPN22006NH TOSHIBA-TPN22006NH Datasheet
231Kb / 9P
   Switching Voltage Regulators Motor Drivers DC-DC Converters
logo
Skyworks Solutions Inc.
AAT2612 SKYWORKS-AAT2612 Datasheet
4Mb / 18P
   Step-Down DC/DC Converter With Three High PSRR LDOs
logo
Toshiba Semiconductor
TJ8S06M3L TOSHIBA-TJ8S06M3L Datasheet
247Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TK8S06K3L TOSHIBA-TK8S06K3L Datasheet
243Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ30S06M3L TOSHIBA-TJ30S06M3L Datasheet
245Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ60S04M3L TOSHIBA-TJ60S04M3L Datasheet
246Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ40S04M3L TOSHIBA-TJ40S04M3L Datasheet
241Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com