Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

031-1351-000 Datasheet(PDF) 6 Page - ITT Industries

Part # 031-1351-000
Description  Cannon Rack & Panel Connectors
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

031-1351-000 Datasheet(HTML) 6 Page - ITT Industries

Back Button 031-1351-000 Datasheet HTML 2Page - ITT Industries 031-1351-000 Datasheet HTML 3Page - ITT Industries 031-1351-000 Datasheet HTML 4Page - ITT Industries 031-1351-000 Datasheet HTML 5Page - ITT Industries 031-1351-000 Datasheet HTML 6Page - ITT Industries 031-1351-000 Datasheet HTML 7Page - ITT Industries 031-1351-000 Datasheet HTML 8Page - ITT Industries 031-1351-000 Datasheet HTML 9Page - ITT Industries 031-1351-000 Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 120 page
background image
ARINC 600
BKAD/E/F
How to Order (continued)
6
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
CONNECTOR LAYOUT DESCRIPTION
NOTE. ANY OTHER COMBINATION OF INSERTS WITHIN A SPECIFIC SHELL IS AVAILABLE UPON REQUEST
POLARIZING POSITION
MODIFIER (Contact, Finish, Material)
01 thru 216 (per ARINC 600)
Blank-Polarizing posts or keys not installed but
supplied with connector
Blank -
SC -
WC -
WD -
SD -
WA -
WB -
Rear release, crimp, signal and power
contacts supplied with connector
(when applicable)
Contacts not supplied with connector
(FO not stamped on connector)
Less contacts and waveguide (FOO not
stamped on connector)
Front release .025(0.63) D. x .150
(3.81) solder post and crimp, rear re-
lease power contacts (when applica-
ble) supplied with connector
Front release .025(0.63) D. x .250
(6.35) solder post and crimp, rear re-
lease power contacts (when applica-
ble) supplied with connector
Front release .025(0.63) D. x .375
(9.53) solder post and crimp, rear re-
lease power contacts (when applica-
ble) supplied with connector
Front release .025(0.63) D. x .500
(12.7) solder post and crimp, rear re-
lease power contacts (when applica-
ble) supplied with connector
Front release .025(0.63) Sq. x .250
(6.35) (1 wrap) wrap post and crimp,
rear release power contacts (when ap-
plicable) supplied with connector
Front release .025(0.63 Sq. x .375
(9.53) (2 wraps) wrap post and crimp,
rear relase power contacts (when ap-
plicable) supplied with connector
Front release .025(0.63) Sq. x 500
(12.7) (3 wraps) wrap post and crimp,
rear release power contacts (when ap-
plicable) supplied with connector
Front release .025 (0.64) Sq. x 641
(16.28) (3 wraps) wrap post and
crimp, rear release power contacts
(when applicable) supplied with con-
nector
NOTE: COAXIAL CONTACTS TO BE ORDERED SEPARATELY
FO -
FOO -
SA -
SB -
Layout included in the following
ARINC configurations 702, 710, 711, 712, 714, 715, 716, 723.
Layout included in the following
ARINC configurations 707, 718 & 730.
Layout included in the following
ARINC configurations 701, 702, 703, 704, 705, 706, 724, 725.
Layout included in the following
ARINC configurations 701, 717, 726, 729.
Connector
Layout
Shell
Size
Shell
Size
Shell Cavity Identification
Shell Cavity Identification
Ref. ARINC
Characteristic
Ref. ARINC
Characteristic
Connector
Layout
Note: All layouts with "OPEN' insert cavity are not supplied with an insulator. If a Blank insert is required please consult factory.
Three Digit Number Contained within the Shell Layout Indicates Total Number of Contacts Available (including Waveguide)
A
B
C
D
E
FA
B
C
D
E
F
1
1
1
1
1
1
1
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
-005
-060
A060
-065
A065
-120
-125
-013
-017
-071
A071
-085
A085
86M
-093
-100
-137
-T141
-142
-155
155M
V155M
158M
-A158M
-163
A163
-164
A164
165M
-A165M
-167
173M
OPEN
OPEN
60
OPEN
60
60
60
OPEN
2W2
OPEN
71W1
Waveguide
71W1
2W2
4W4
OPEN
121
120T2
71W1
71W1
71W1A
71W1B
2W2
2W2
OPEN
150
150
Waveguide
150
2W2
4W4
2W2
OPEN
60
OPEN
60
Open
60
60
OPEN
2W2
71W1
OPEN
71W1
Waveguide
71W1A
4W4
OPEN
10T10
10T10
71W1
71W1
71W1A
71W1A
71W1A
71W1B
150
OPEN
Waveguide
150
2W2
150
150
71W1B
5W2
OPEN
OPEN
5W2
5W2
OPEN
5W2
13W2
13W2
OPEN
OPEN
13W2
13W2
13W2
85
100
6T6
13W2
OPEN
13W2
13W2
13W2
85
85
13W2
13W2
13W2
13W2
13W2
13W2
13W2
100
-T173
234
A234
-246
-248
250
250A
-251
-300
-306
-313
-370
-400
-021
-026
-113
-A113
-114
-284
-310
-330M
-A330M
-496
-600
-626
-713
A713
-734
-764
-800
-269M
271C
271M
-326
2
2
2
2
2
2
2
2
2
2
2
2
2
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
150
150
71W1
120T2
121
OPEN
150
Waveguide
150
150
150
150
150
4W4
OPEN
OPEN
OPEN
4W4
71W1
71W1
2W1
150
121
150
150
150
150
150
150
150
2W2
4W4
2W2
OPEN
10T10
71W1
150
120T2
121
150
BLANK
150
150
150
150
120T2
150
4W4
OPEN
OPEN
OPEN
4W4
71W1
71W1
2W2
150
121
150
150
150
150
150
150
150
2W2
4W4
2W2
150
13W2
13W2
13W2
6T6
6T6
100
100
100
OPEN
6T6
13W2
100
100
13W2
13W2
100
13W2
13W2
OPEN
13W2
13W2
13W2
6T6
OPEN
13W2
100
13W2
100
64
100
13W2
13W2
13W2
13W2
BLANK
OPEN
OPEN
OPEN
4W4
71W1
71W1
150
2W2
121
150
150
150
150
150
150
150
2W2
BLANK
4W4
OPEN
OPEN
OPEN
OPEN
OPEN
4W4
71W1
71W1
150
2W2
121
150
150
150
150
150
150
150
150
150
150
150
OPEN
13W2
13W2
100
85
OPEN
13W2
13W2
13W2
6T6
OPEN
13W2
13W2
100
3W
100
100
100
100
100
13W2
732
708
709
727


Similar Part No. - 031-1351-000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
031-1351-000 ITT-031-1351-000 Datasheet
688Kb / 19P
   ARINC 600
031-1351-000 ITT-031-1351-000 Datasheet
688Kb / 19P
   ARINC 600 BKAD/E/F
More results

Similar Description - 031-1351-000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com