Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1113806 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 1113806
Description  tyco electronics contents
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1113806 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 1113806 Datasheet HTML 6Page - Tyco Electronics 1113806 Datasheet HTML 7Page - Tyco Electronics 1113806 Datasheet HTML 8Page - Tyco Electronics 1113806 Datasheet HTML 9Page - Tyco Electronics 1113806 Datasheet HTML 10Page - Tyco Electronics 1113806 Datasheet HTML 11Page - Tyco Electronics 1113806 Datasheet HTML 12Page - Tyco Electronics 1113806 Datasheet HTML 13Page - Tyco Electronics 1113806 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 85 page
background image
HX-SCE Low fire hazard heat-shrinkable wire identification sleeves
10
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
Industry Standards
Standard
Title
Application
BS6853
Code of practice for fire precautions in the design
Interior minor use materials of mass 100g to 500g.
and construction of passenger carrying trains.
Vehicle category Ia.
1London Underground Limited
Fire Safety Performance of Materials
Limited, dispered usage (abbreciation RS/EQ/I)
Standard 2-01001-002
NF F 16-101
Railway Rolling Stock Fire behavior choice of materials
Rolling Stock Classification A1
DIN 5510-2
Preventive fire protection in railway vehicles - Part 2: Fire
Dripping Classification ST2
behavior and fire side effects of materials and parts;
Classification, Requirements and Test Methods.
2EN50343
Railway Applications - Rolling Stock -
Tests on marking when using heat-shrinkable sleeves
Rules for installation of cabling.
1 This replaces LUL Engineering Standard E1042
2 Not including resistance to liquid fuel - not recommended for use in areas where the sleeves may be subject to extended contact from diesel fuel - Tyco Electronics D-SCE
product range is designed for use in these areas.


Similar Part No. - 1113806

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1113823 PHOENIX-1113823 Datasheet
231Kb / 8P
   NBC-R4ACS/0,5-94F/R4ACS - Patch cable
1113825 PHOENIX-1113825 Datasheet
176Kb / 4P
   Patch cable - NBC-R4ACS/0,3-93B/R4ACS
1113840 PHOENIX-1113840 Datasheet
578Kb / 2P
   Base module - SOCKET FOR HR114 AND HR115
12/24/2021
1113841 PHOENIX-1113841 Datasheet
565Kb / 2P
   Base module - SOCKET FOR HR111/MR11/MR21
12/24/2021
1113848 PHOENIX-1113848 Datasheet
442Kb / 2P
   Keying tab - BLIND PLATE FOR BANK HOUSING
12/24/2021
More results

Similar Description - 1113806

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PT22AT30B MACOM-PT22AT30B Datasheet
178Kb / 1P
   Tyco Electronics Corporation ShenZhen, China
ASTMD3652 MACOM-ASTMD3652 Datasheet
308Kb / 12P
   Tyco Electronics Solar Identification Labels
PT52A730B MACOM-PT52A730B Datasheet
526Kb / 1P
   Tyco Electronics Corporation Shen Zhen, Ching
logo
List of Unclassifed Man...
DW5937 ETC-DW5937 Datasheet
5Mb / 24P
   CONTENTS
FCA-125 ETC2-FCA-125 Datasheet
112Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays
logo
Freescale Semiconductor...
MC908AP16CFAE FREESCALE-MC908AP16CFAE Datasheet
1Mb / 324P
   Table of Contents
logo
Renesas Technology Corp
TSI721 RENESAS-TSI721 Datasheet
633Kb / 67P
   Table of Contents
April 4, 2016
logo
AVX Corporation
9159 AVX-9159 Datasheet
2Mb / 63P
   Table of Contents
logo
Analog Devices
ADP1761-EVALZ AD-ADP1761-EVALZ Datasheet
486Kb / 9P
   TABLE OF CONTENTS
logo
Tyco Electronics
3-641214-8 MACOM-3-641214-8 Datasheet
2Mb / 84P
   Table of Contents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com