Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIZ702DT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIZ702DT
Description  N-Channel 30 V (D-S) MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIZ702DT Datasheet(HTML) 1 Page - Vishay Siliconix

  SIZ702DT Datasheet HTML 1Page - Vishay Siliconix SIZ702DT Datasheet HTML 2Page - Vishay Siliconix SIZ702DT Datasheet HTML 3Page - Vishay Siliconix SIZ702DT Datasheet HTML 4Page - Vishay Siliconix SIZ702DT Datasheet HTML 5Page - Vishay Siliconix SIZ702DT Datasheet HTML 6Page - Vishay Siliconix SIZ702DT Datasheet HTML 7Page - Vishay Siliconix SIZ702DT Datasheet HTML 8Page - Vishay Siliconix SIZ702DT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Vishay Siliconix
SiZ702DT
New Product
Document Number: 65525
S11-2379-Rev. B, 28-Nov-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-Channel 30 V (D-S) MOSFETs
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFETs
100 % Rg and UIS Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Notebook System Power
POL
Low Current DC/DC
Notes:
a. Package limited.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. See solder profile (
www.vishay.com/doc?73257). The PowerPAIR is a leadless package. The end of the lead terminal is exposed copper (not
plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required
to ensure adequate bottom side solder interconnection.
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under steady state conditions is 67 °C/W for channel-1 and for channel-2.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A) Qg (Typ.)
Channel-1
and
Channel-2
30
0.0120 at VGS = 10 V
16a
6.8 nC
0.0145 at VGS = 4.5 V
16a
Ordering Information:
SiZ702DT-T1-GE3 (Lead (Pb)-free and Halogen-free)
G1
G2
S2
S2
D1
D1
1
6
5
4
2
3
3.73 mm
6 mm
PowerPAIR® 6 x 3.7
D1
S1/D2
Pin 1
(Pin 7)
D1
S2
N-Channel 2
MOSFET
N-Channel 1
MOSFET
G1
S1/D2
G2
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Channel-1
Channel-2
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
16a
A
TC = 70 °C
16a
TA = 25 °C
13.8b, c
14b, c
TA = 70 °C
11b, c
11.2b, c
Pulsed Drain Current
IDM
50
Source Drain Current Diode Current
TC = 25 °C
IS
16a
16a
TA = 25 °C
3.2b, c
3.7b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
18
Single Pulse Avalanche Energy
EAS
16
mJ
Maximum Power Dissipation
TC = 25 °C
PD
27
30
W
TC = 70 °C
17.4
19
TA = 25 °C
3.9b, c
4.5b, c
TA = 70 °C
2.5b, c
2.9b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Channel-1
Channel-2
Unit
Typ.
Max.
Typ.
Max.
Maximum Junction-to-Ambientb, f
t
 10 s
RthJA
24
32
21
28
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
3.5
4.6
3.2
4.2


Similar Part No. - SIZ702DT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIZ702DT VISHAY-SIZ702DT Datasheet
159Kb / 12P
   N-Channel 30-V (D-S) MOSFETs
Rev. A, 02-Nov-09
SIZ702DT VISHAY-SIZ702DT Datasheet
195Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ702DT-T1-GE3 VISHAY-SIZ702DT-T1-GE3 Datasheet
159Kb / 12P
   N-Channel 30-V (D-S) MOSFETs
Rev. A, 02-Nov-09
SIZ702DT VISHAY-SIZ702DT_V01 Datasheet
195Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
More results

Similar Description - SIZ702DT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIZ730DT VISHAY-SIZ730DT_12 Datasheet
211Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ704DT VISHAY-SIZ704DT_V01 Datasheet
201Kb / 14P
   N-Channel 30-V (D-S) MOSFETs
01-Jan-2022
SIZ730DT VISHAY-SIZ730DT Datasheet
209Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
Rev. A, 04-Apr-11
SIS476DN VISHAY-SIS476DN_V01 Datasheet
569Kb / 12P
   N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ730DT VISHAY-SIZ730DT_V01 Datasheet
216Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
08-Feb-17
SIZ702DT VISHAY-SIZ702DT Datasheet
159Kb / 12P
   N-Channel 30-V (D-S) MOSFETs
Rev. A, 02-Nov-09
SIZ702DT VISHAY-SIZ702DT_V01 Datasheet
195Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ704DT VISHAY-SIZ704DT Datasheet
160Kb / 12P
   N-Channel 30-V (D-S) MOSFETs
Rev. A, 28-Sep-09
logo
Vishay Telefunken
SIZ730DT TFUNK-SIZ730DT Datasheet
211Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ300DT VISHAY-SIZ300DT_12 Datasheet
330Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. D, 11-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com