Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLD301XT Datasheet(PDF) 6 Page - Sony Corporation

Part # SLD301XT
Description  100mW High Power Laser Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD301XT Datasheet(HTML) 6 Page - Sony Corporation

  SLD301XT Datasheet HTML 1Page - Sony Corporation SLD301XT Datasheet HTML 2Page - Sony Corporation SLD301XT Datasheet HTML 3Page - Sony Corporation SLD301XT Datasheet HTML 4Page - Sony Corporation SLD301XT Datasheet HTML 5Page - Sony Corporation SLD301XT Datasheet HTML 6Page - Sony Corporation SLD301XT Datasheet HTML 7Page - Sony Corporation SLD301XT Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
– 6 –
SLD301XT
Wavelength [nm]
805
825
815
Tth = –6
°C
Wavelength [nm]
805
825
815
Tth = 12
°C
Wavelength [nm]
805
825
815
Tth = 23
°C
Wavelength [nm]
805
825
815
Tth = 35
°C
Wavelength [nm]
805
825
815
Tth = 45
°C
Temperature dependence of wavelength (Po = 90mW)


Similar Part No. - SLD301XT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD301B SONY-SLD301B Datasheet
63Kb / 7P
   Block-type 100mW High Power Laser Diode
SLD301V SONY-SLD301V Datasheet
66Kb / 7P
   100mW High Power Laser Diode
SLD301WT SONY-SLD301WT Datasheet
151Kb / 7P
   100mW HIGH POWER LASER DIODE
More results

Similar Description - SLD301XT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD301V SONY-SLD301V Datasheet
66Kb / 7P
   100mW High Power Laser Diode
SLD301WT SONY-SLD301WT Datasheet
151Kb / 7P
   100mW HIGH POWER LASER DIODE
SLD301B SONY-SLD301B Datasheet
63Kb / 7P
   Block-type 100mW High Power Laser Diode
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
   High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
logo
Sony Corporation
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
   200mW High Power Laser Diode
logo
Roithner LaserTechnik G...
RLT9830MG ROITHNER-RLT9830MG Datasheet
294Kb / 1P
   high power infrared laser diode
RLT1300-20G ROITHNER-RLT1300-20G Datasheet
107Kb / 2P
   high power infrared laser diode
RLT1550-30G ROITHNER-RLT1550-30G Datasheet
54Kb / 1P
   high power infrared laser diode
ADL-63V0BTP ROITHNER-ADL-63V0BTP Datasheet
248Kb / 1P
   high power red laser diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com