Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9012 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9012
Description  300mA Dual LDO Regulator with POR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9012 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9012_11 Datasheet HTML 1Page - Richtek Technology Corporation RT9012_11 Datasheet HTML 2Page - Richtek Technology Corporation RT9012_11 Datasheet HTML 3Page - Richtek Technology Corporation RT9012_11 Datasheet HTML 4Page - Richtek Technology Corporation RT9012_11 Datasheet HTML 5Page - Richtek Technology Corporation RT9012_11 Datasheet HTML 6Page - Richtek Technology Corporation RT9012_11 Datasheet HTML 7Page - Richtek Technology Corporation RT9012_11 Datasheet HTML 8Page - Richtek Technology Corporation RT9012_11 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT9012
1
DS9012-09 April 2011
www.richtek.com
Ordering Information
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
General Description
RT9012 is a dual channel, low noise, and low dropout with
the sourcing ability up to 300mA and power-on reset
function. The range of output voltage is from 1.2V to 3.6V
by operating from 2.5V to 5.5V input.
The RT9012 offers 2% accuracy, extremely low dropout
voltage (240mV @ 300mA), and extremely low ground
current, only 27uA per LDO. The shutdown current is near
zero current which is suitable for battery-power devices.
Other features include current limiting, over temperature,
output short circuit protection.
The RT9012 is short circuit thermal folded back protected.
The IC lowers its OTP trip point from 165
°C to 110°C when
output short circuit occurs (VOUT < 0.4V) providing
maximum safety to end users.
The RT9012 can operate stably with very small ceramic
output capacitors, reducing required board space and
component cost. The RT9012 is available in fixed output
voltages in the WDFN-8L 2x2 package.
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
300mA Dual LDO Regulator with POR
Applications
CDMA/GSM Cellular Handsets
Battery-Powered Equipment
Laptop, Palmtops, Notebook Computers
Hand-Held Instruments
PCMCIA Cards
Portable Information Appliances
WDFN-8L 2x2
Features
Wide Operating Voltage Ranges : 2.5V to 5.5V
Low-Noise for RF Application
No Noise Bypass Capacitor Required
Fast Response in Line/Load Transient
TTL-Logic-Controlled Shutdown Input
Low Temperature Coefficient
Dual LDO Outputs (300mA/300mA)
Ultra-low Quiescent Current 27uA/LDO
High Output Accuracy 2%
Short Circuit Protection
Thermal Shutdown Protection
Current Limit Protection
Short Circuit Thermal Folded Back Protection
Tiny 8-Lead WDFN Package
RoHS Compliant and 100% Lead (Pb)-Free
VIN
EN1
VOUT1
VOUT2
POR
EN2
7
6
5
1
2
3
4
8
SET
GND
9
Code
Voltage
Code
Voltage
Code
Voltage
A
3.5
B
1.3
C
1.2
D
1.85
E
2.1
F
1.5
G
1.8
H
2
J
2.5
K
2.6
L
2.7
M
2.8
N
2.85
P
3
Q
3.1
R
3.2
S
3.3
T
2.65
V
2.9
W
1.6
X
3.15
Y
1.9
Available Voltage Version
RT9012-
Package Type
QW : WDFN-8L 2x2 (W-Type)
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)
Output Voltage : VOUT1/VOUT2
VOUT2 > VOUT1 is Recommended


Similar Part No. - RT9012_11

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9012-CMGQW RICHTEK-RT9012-CMGQW Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
RT9012-CMPQW RICHTEK-RT9012-CMPQW Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
RT9012-FMPQV RICHTEK-RT9012-FMPQV Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
RT9012-FMPQW RICHTEK-RT9012-FMPQW Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
RT9012-FSGQW RICHTEK-RT9012-FSGQW Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
More results

Similar Description - RT9012_11

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
RT9010 RICHTEK-RT9010 Datasheet
245Kb / 10P
   300mA LDO Regulator with POR
logo
List of Unclassifed Man...
EUP7212 ETC1-EUP7212 Datasheet
262Kb / 10P
   Dual 150/300mA LDO with POR
logo
Micrel Semiconductor
MIC5312 MICREL-MIC5312 Datasheet
400Kb / 11P
   LowQ Mode Dual 300mA LDO with Integrated POR
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
Unisonic Technologies
LR9XXYY UTC-LR9XXYY Datasheet
166Kb / 5P
   300mA SMALL DUAL LDO REGULATOR
logo
Richtek Technology Corp...
RT9014 RICHTEK-RT9014_11 Datasheet
379Kb / 12P
   Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
RT9014 RICHTEK-RT9014 Datasheet
391Kb / 12P
   Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com